Electronic Components Datasheet Search
  English  ▼

X  

LM99 Datasheet(PDF) 14 Page - Texas Instruments

Part # LM99
Description  LM99 ±1°C Accurate, High Temperature, Remote Diode Temperature Sensor with Two- Wire Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM99 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM99 Datasheet HTML 10Page - Texas Instruments LM99 Datasheet HTML 11Page - Texas Instruments LM99 Datasheet HTML 12Page - Texas Instruments LM99 Datasheet HTML 13Page - Texas Instruments LM99 Datasheet HTML 14Page - Texas Instruments LM99 Datasheet HTML 15Page - Texas Instruments LM99 Datasheet HTML 16Page - Texas Instruments LM99 Datasheet HTML 17Page - Texas Instruments LM99 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
LM99
SNIS129D – JANUARY 2003 – REVISED MARCH 2013
www.ti.com
SMBus Timing Diagrams
LM99 Timing Diagram
Figure 9. Serial Bus Write to the internal Command Register followed by a the Data Byte
Figure 10. Serial Bus Write to the Internal Command Register
Figure 11. Serial Bus Read from a Register with the Internal Command Register preset to desired value.
SERIAL INTERFACE RESET
In the event that the SMBus Master is RESET while the LM99 is transmitting on the SMBData line, the LM99
must be returned to a known state in the communication protocol. This may be done in one of two ways:
1. When SMBData is LOW, the LM99 SMBus state machine resets to the SMBus idle state if either SMBData
or SMBCLK are held low for more than 35 ms (tTIMEOUT). Note that according to SMBus specification 2.0 all
devices are to timeout when either the SMBCLK or SMBData lines are held low for 25-35 ms. Therefore, to
insure a timeout of all devices on the bus the SMBCLK or SMBData lines must be held low for at least 35
ms.
2. When SMBData is HIGH, have the master initiate an SMBus start. The LM99 will respond properly to an
SMBus start condition at any point during the communication. After the start the LM99 will expect an SMBus
Address address byte.
14
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com