Electronic Components Datasheet Search
  English  ▼

X  

LM99 Datasheet(PDF) 15 Page - Texas Instruments

Part # LM99
Description  LM99 ±1°C Accurate, High Temperature, Remote Diode Temperature Sensor with Two- Wire Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM99 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM99 Datasheet HTML 11Page - Texas Instruments LM99 Datasheet HTML 12Page - Texas Instruments LM99 Datasheet HTML 13Page - Texas Instruments LM99 Datasheet HTML 14Page - Texas Instruments LM99 Datasheet HTML 15Page - Texas Instruments LM99 Datasheet HTML 16Page - Texas Instruments LM99 Datasheet HTML 17Page - Texas Instruments LM99 Datasheet HTML 18Page - Texas Instruments LM99 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
25
27
29
31
33
35
37
39
41
43
45
0
50
100
150
200
SAMPLE NUMBER
LM99
with
Filter On
LM99
with
Filter Off
LM99
www.ti.com
SNIS129D – JANUARY 2003 – REVISED MARCH 2013
DIGITAL FILTER
D2
D1
Filter
0
0
No Filter
0
1
Level 1
1
0
Level 1
1
1
Level 2
In order to suppress erroneous remote temperature readings due to noise, the LM99 incorporates a user-
configured digital filter. The filter is accessed in the FILTER and ALERT CONFIGURE REGISTER at BFh. The
filter can be set according to the table shown.
Level 2 sets maximum filtering.
Filter Output Response to a Step Input depict the filter output to in response to a step input and an impulse input.
Figure 14 depicts the digital filter in use in a Pentium 4 processor system. Note that the two curves, with filter and
without, have been purposely offset so that both responses can be clearly seen. Inserting the filter does not
induce an offset as shown.
Filter Output Response to a Step Input
Figure 12. Step Response
Figure 13. Impulse Response
The filter on and off curves were purposely offset to better show noise performance.
Figure 14. Digital Filter Response in a Pentium 4 processor System
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com