Electronic Components Datasheet Search
  English  ▼

X  

LM5111 Datasheet(PDF) 15 Page - Texas Instruments

Part # LM5111
Description  LM5111 Dual 5-A Compound Gate Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5111 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM5111 Datasheet HTML 11Page - Texas Instruments LM5111 Datasheet HTML 12Page - Texas Instruments LM5111 Datasheet HTML 13Page - Texas Instruments LM5111 Datasheet HTML 14Page - Texas Instruments LM5111 Datasheet HTML 15Page - Texas Instruments LM5111 Datasheet HTML 16Page - Texas Instruments LM5111 Datasheet HTML 17Page - Texas Instruments LM5111 Datasheet HTML 18Page - Texas Instruments LM5111 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
VHIGH
Q2
VGATE
RG
Q1
VTRIG
CIN
15
LM5111
www.ti.com
SNVS300H – JULY 2004 – REVISED SEPTEMBER 2016
Product Folder Links: LM5111
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
Thermal Considerations (continued)
Figure 16. Driver Output Stage and Load
The schematic above shows a conceptual diagram of the LM5111 output and MOSFET load. Q1 and Q2 are the
switches within the gate driver. RG is the gate resistance of the external MOSFET, and CIN is the equivalent gate
capacitance of the MOSFET. The gate resistance Rg is usually very small and losses in it can be neglected. The
equivalent gate capacitance is a difficult parameter to measure since it is the combination of CGS (gate to source
capacitance) and CGD (gate to drain capacitance). Both of these MOSFET capacitances are not constants and
vary with the gate and drain voltage. The better way of quantifying gate capacitance is the total gate charge QG
in coulombs. QG combines the charge required by CGS and CGD for a given gate drive voltage VGATE.
Assuming negligible gate resistance, the total power dissipated in the MOSFET driver due to gate charge is
approximated by
PDRIVER = VGATE × QG × FSW
where
•
FSW = switching frequency of the MOSFET
(2)
For example, consider the MOSFET MTD6N15 whose gate charge specified as 30 nC for VGATE = 12 V.
The power dissipation in the driver due to charging and discharging of MOSFET gate capacitances at switching
frequency of 300 kHz and VGATE of 12 V is equal to
PDRIVER = 12 V × 30 nC × 300 kHz = 0.108 W.
(3)
If both channels of the LM5111 are operating at equal frequency with equivalent loads, the total losses will be
twice as this value which is 0.216 W.
In addition to the above gate charge power dissipation, transient power is dissipated in the driver during output
transitions. When either output of the LM5111 changes state, current will flow from VCC to VEE for a very brief
interval of time through the output totem-pole N and P channel MOSFETs. The final component of power
dissipation in the driver is the power associated with the quiescent bias current consumed by the driver input
stage and Under-voltage lockout sections.
Characterization of the LM5111 provides accurate estimates of the transient and quiescent power dissipation
components. At 300-kHz switching frequency and 30-nC load used in the example, the transient power will be 8
mW. The 1-mA nominal quiescent current and 12-V VGATE supply produce a 12-mW typical quiescent power.
Therefore the total power dissipation
PD = 0.216 + 0.008 + 0.012 = 0.236 W.
(4)
We know that the junction temperature is given by
TJ = PD × θJA + TA
(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com