Electronic Components Datasheet Search
  English  ▼

X  

LM5111 Datasheet(PDF) 26 Page - Texas Instruments

Part # LM5111
Description  LM5111 Dual 5-A Compound Gate Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5111 Datasheet(HTML) 26 Page - Texas Instruments

Back Button LM5111 Datasheet HTML 22Page - Texas Instruments LM5111 Datasheet HTML 23Page - Texas Instruments LM5111 Datasheet HTML 24Page - Texas Instruments LM5111 Datasheet HTML 25Page - Texas Instruments LM5111 Datasheet HTML 26Page - Texas Instruments LM5111 Datasheet HTML 27Page - Texas Instruments LM5111 Datasheet HTML 28Page - Texas Instruments LM5111 Datasheet HTML 29Page - Texas Instruments LM5111 Datasheet HTML 30Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
8X (1.4)
8X (0.45)
6X (0.65)
(4.4)
(R0.05) TYP
(1.88)
BASED ON
0.125 THICK
STENCIL
(2)
BASED ON
0.125 THICK
STENCIL
PowerPAD VSSOP - 1.1 mm max height
DGN0008A
SMALL OUTLINE PACKAGE
4218836/A 11/2019
1.59 X 1.69
0.175
1.72 X 1.83
0.15
1.88 X 2.00 (SHOWN)
0.125
2.10 X 2.24
0.1
SOLDER STENCIL
OPENING
STENCIL
THICKNESS
NOTES: (continued)
10. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
11. Board assembly site may have different recommendations for stencil design.
TM
SOLDER PASTE EXAMPLE
EXPOSED PAD 9:
100% PRINTED SOLDER COVERAGE BY AREA
SCALE: 15X
SYMM
SYMM
1
4
5
8
METAL COVERED
BY SOLDER MASK
SEE TABLE FOR
DIFFERENT OPENINGS
FOR OTHER STENCIL
THICKNESSES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com