Electronic Components Datasheet Search
  English  ▼

X  

LM5116-HT Datasheet(PDF) 26 Page - Texas Instruments

Part # LM5116-HT
Description  WIDE RANGE SYNCHRONOUS BUCK CONTROLLER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5116-HT Datasheet(HTML) 26 Page - Texas Instruments

Back Button LM5116-HT Datasheet HTML 22Page - Texas Instruments LM5116-HT Datasheet HTML 23Page - Texas Instruments LM5116-HT Datasheet HTML 24Page - Texas Instruments LM5116-HT Datasheet HTML 25Page - Texas Instruments LM5116-HT Datasheet HTML 26Page - Texas Instruments LM5116-HT Datasheet HTML 27Page - Texas Instruments LM5116-HT Datasheet HTML 28Page - Texas Instruments LM5116-HT Datasheet HTML 29Page - Texas Instruments LM5116-HT Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
RRAMP =
VCC ± 0.5V + VRAMP
25 2A - IOS
RAMP
VCC
CRAMP
RRAMP
RRAMP =
VCC - VRAMP
IOS - 25 2A
VRAMP =
((VIN ± VOUT) x gm + IOS) x T
VOUT
VIN
CRAMP
x
RS =
VCS(TH)
IOUT +
VOUT x T
L
CRAMP =
IOS x L
VOUT x A x RS
CRAMP =
gm x L
A x RS
x 1 +
5 - VOUT
VIN(MIN)
RS =
VCS(TH)
IOUT -
VOUT x T
2 x L
+
1 -
VOUT
VIN(MIN)
VOUT x T
L
x
CRAMP =
gm x L
A x RS
x 1 +
5 - VOUT
VIN(MAX)
RS =
VCS(TH)
IOUT -
VOUT x T
2 x L
x
+
1 -
VOUT
VIN(MIN)
VOUT x T
L
1 +
5 - VOUT
VIN(MAX)
1 +
5 - VOUT
VIN(MIN)
x
LM5116-HT
SLVSBS8B – OCTOBER 2013 – REVISED JANUARY 2014
www.ti.com
(34)
(35)
General Method for 5 V < VOUT < 7.5 V:
(36)
(37)
Best Performance Method:
This minimizes the current limit deviation due to changes in line voltage, while maintaining near optimal slope
compensation.
Calculate optimal slope current, IOS = (VOUT / 3) x 10 µA/V. For example, at VOUT = 7.5 V, IOS = 25 µA.
(38)
Calculate VRAMP at the nominal input voltage.
(39)
For VOUT > 7.5 V, install a resistor from the RAMP pin to VCC.
(40)
Figure 15. RRAMP to VCC for VOUT > 7.5 V
For VOUT < 7.5 V, a negative VCC is required. This can be made with a simple charge pump from the LO gate
output. Install a resistor from the RAMP pin to the negative VCC.
(41)
26
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: LM5116-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com