Electronic Components Datasheet Search
  English  ▼

X  

LM5116-HT Datasheet(PDF) 4 Page - Texas Instruments

Part # LM5116-HT
Description  WIDE RANGE SYNCHRONOUS BUCK CONTROLLER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5116-HT Datasheet(HTML) 4 Page - Texas Instruments

  LM5116-HT Datasheet HTML 1Page - Texas Instruments LM5116-HT Datasheet HTML 2Page - Texas Instruments LM5116-HT Datasheet HTML 3Page - Texas Instruments LM5116-HT Datasheet HTML 4Page - Texas Instruments LM5116-HT Datasheet HTML 5Page - Texas Instruments LM5116-HT Datasheet HTML 6Page - Texas Instruments LM5116-HT Datasheet HTML 7Page - Texas Instruments LM5116-HT Datasheet HTML 8Page - Texas Instruments LM5116-HT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
LM5116-HT
SLVSBS8B – OCTOBER 2013 – REVISED JANUARY 2014
www.ti.com
Absolute Maximum Ratings
(1)
VIN to GND
-0.3 to 80
V
VCC, VCCX, UVLO to GND (2)
-0.3 to 16
V
SW, CS to GND
-3.0 to 80
V
HB to SW
-0.3 to 16
V
HO to SW
-0.3 to HB + 0.3
V
VOUT to GND
-0.3 to 80
V
CSG to GND
-1 to 1
V
LO to GND
-0.3 to VCC + 0.3
V
SS to GND
-0.3 to 7
V
FB to GND
-0.3 to 7
V
DEMB to GND
-0.3 to VCC
V
RT to GND
-0.3 to 7
V
EN to GND
-0.3 to 80
V
ESD Rating
2
kV
HBM (3)
Storage Temperature Range
-55 to 190
°C
Junction Temperature
190
°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed
performance limits and associated test conditions, see the Electrical Characteristics tables.
(2)
These pins must not exceed VIN.
(3)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. 2 kV rating for all pins except VIN
which is rated for 1.5 kV.
THERMAL INFORMATION
LM5116-HT
THERMAL METRIC(1)
JD
UNITS
20 PINS
θJA
Junction-to-ambient thermal resistance(2)
43.2
θJCtop
Junction-to-case (top) thermal resistance(3)
N/A
θJB
Junction-to-board thermal resistance(4)
21.97
°C/W
ψJT
Junction-to-top characterization parameter(5)
12.95
ψJB
Junction-to-board characterization parameter(6)
18.21
θJCbot
Junction-to-case (bottom) thermal resistance(7)
5.25
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(3)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific JEDEC-
standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(4)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(5)
The junction-to-top characterization parameter,
ψJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA, using a procedure described in JESD51-2a (sections 6 and 7).
(6)
The junction-to-board characterization parameter,
ψJB, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA , using a procedure described in JESD51-2a (sections 6 and 7).
(7)
The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
Spacer
4
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: LM5116-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com