Electronic Components Datasheet Search
  English  ▼

X  

LM5116-HT Datasheet(PDF) 3 Page - Texas Instruments

Part # LM5116-HT
Description  WIDE RANGE SYNCHRONOUS BUCK CONTROLLER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5116-HT Datasheet(HTML) 3 Page - Texas Instruments

  LM5116-HT Datasheet HTML 1Page - Texas Instruments LM5116-HT Datasheet HTML 2Page - Texas Instruments LM5116-HT Datasheet HTML 3Page - Texas Instruments LM5116-HT Datasheet HTML 4Page - Texas Instruments LM5116-HT Datasheet HTML 5Page - Texas Instruments LM5116-HT Datasheet HTML 6Page - Texas Instruments LM5116-HT Datasheet HTML 7Page - Texas Instruments LM5116-HT Datasheet HTML 8Page - Texas Instruments LM5116-HT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
LM5116-HT
www.ti.com
SLVSBS8B – OCTOBER 2013 – REVISED JANUARY 2014
Pin Functions
Pin Descriptions
Pin
Name
Description
1
VIN
Chip supply voltage, input voltage monitor and input to the VCC regulator.
2
UVLO
If the UVLO pin is below 1.215 V, the regulator will be in standby mode (VCC regulator running, switching regulator
disabled). If the UVLO pin voltage is above 1.215 V, the regulator is operational. An external voltage divider can be
used to set an under-voltage shutdown threshold. There is a fixed 5 µA pull up current on this pin when EN is high.
UVLO is pulled to ground in the event a current limit condition exists for 256 clock cycles.
3
RT/SYNC
The internal oscillator is set with a single resistor between this pin and the AGND pin. The recommended frequency
range is 50 kHz to 1 MHz. The internal oscillator can be synchronized to an external clock by AC coupling a positive
edge onto this node.
4
EN
If the EN pin is below 0.5 V, the regulator will be in a low power state drawing less than 10 µA from VIN. EN must be
pulled above 3.3 V for normal operation. The maximum EN transition time for proper operation is one switching period.
5
RAMP
Ramp control signal. An external capacitor connected between this pin and the AGND pin sets the ramp slope used
for current mode control.
6
AGND
Analog ground. Connect to PGND through the exposed pad ground connection under the LM5116.
7
SS
An external capacitor and an internal 10 µA current source set the soft start time constant for the rise of the error amp
reference. The SS pin is held low during VCC < 4.5 V, UVLO < 1.215 V, EN input low or thermal shutdown.
8
FB
Feedback signal from the regulated output. This pin is connected to the inverting input of the internal error amplifier.
The regulation threshold is 1.215 V.
9
COMP
Output of the internal error amplifier. The loop compensation network should be connected between this pin and the
FB pin.
10
VOUT
Output monitor. Connect directly to the output voltage.
11
DEMB
Low-side MOSFET source voltage monitor for diode emulation. For start-up into a pre-biased load, tie this pin to
ground at the CSG connection. For fully synchronous operation, use an external series resistor between DEMB and
ground to raise the diode emulation threshold above the low-side SW on-voltage.
12
CS
Current sense amplifier input. Connect to the top of the current sense resistor or the drain of the low-sided MOSFET if
RDS(ON) current sensing is used.
13
CSG
Current sense amplifier input. Connect to the bottom of the sense resistor or the source of the low-side MOSFET if
RDS(ON) current sensing is used.
14
PGND
Power ground. Connect to AGND through the exposed pad ground connection under the LM5116.
15
LO
Connect to the gate of the low-side synchronous MOSFET through a short, low inductance path.
16
VCC
Locally decouple to PGND using a low ESR/ESL capacitor located as close to the controller as possible.
17
VCCX
Optional input for an externally supplied VCC. If VCCX > 4.5 V, VCCX is internally connected to VCC and the internal
VCC regulator is disabled. If VCCX is unused, it should be connected to ground.
18
HB
High-side driver supply for bootstrap gate drive. Connect to the cathode of the bootstrap diode and the positive
terminal of the bootstrap capacitor. The bootstrap capacitor supplies current to charge the high-side MOSFET gate
and should be placed as close to the controller as possible.
19
HO
Connect to the gate of the high-side synchronous MOSFET through a short, low inductance path
20
SW
Switch node. Connect to the negative terminal of the bootstrap capacitor and the source terminal of the high-side
MOSFET.
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM5116-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com