Electronic Components Datasheet Search
  English  ▼

X  

LM5116-HT Datasheet(PDF) 9 Page - Texas Instruments

Part # LM5116-HT
Description  WIDE RANGE SYNCHRONOUS BUCK CONTROLLER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5116-HT Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM5116-HT Datasheet HTML 5Page - Texas Instruments LM5116-HT Datasheet HTML 6Page - Texas Instruments LM5116-HT Datasheet HTML 7Page - Texas Instruments LM5116-HT Datasheet HTML 8Page - Texas Instruments LM5116-HT Datasheet HTML 9Page - Texas Instruments LM5116-HT Datasheet HTML 10Page - Texas Instruments LM5116-HT Datasheet HTML 11Page - Texas Instruments LM5116-HT Datasheet HTML 12Page - Texas Instruments LM5116-HT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
542
544
546
548
550
552
554
556
558
-55
-5
45
95
145
195
Temperature (ºC)
C006
R = 5 k
T
W
420
440
460
480
500
520
540
560
±55
±5
45
95
145
195
Temperature (ºC)
C002
20
40
60
80
100
120
140
160
180
±55
±5
45
95
145
195
Temperature (ºC)
HB-SW = 15 V
HB-SW = 7.7 V
C005
LM5116-HT
www.ti.com
SLVSBS8B – OCTOBER 2013 – REVISED JANUARY 2014
Typical Performance Characteristics (continued)
Forced HO Off-time
vs
HB DC Bias Current
Temperature
vs
VCCX = 5V
Temperature
Frequency
Error Amp Gain
vs
vs
RT
Frequency
Frequency
Error Amp Phase
vs
vs
Temperature
Frequency
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM5116-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com