Electronic Components Datasheet Search
  English  ▼

X  

LM5116-HT Datasheet(PDF) 14 Page - Texas Instruments

Part # LM5116-HT
Description  WIDE RANGE SYNCHRONOUS BUCK CONTROLLER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5116-HT Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM5116-HT Datasheet HTML 10Page - Texas Instruments LM5116-HT Datasheet HTML 11Page - Texas Instruments LM5116-HT Datasheet HTML 12Page - Texas Instruments LM5116-HT Datasheet HTML 13Page - Texas Instruments LM5116-HT Datasheet HTML 14Page - Texas Instruments LM5116-HT Datasheet HTML 15Page - Texas Instruments LM5116-HT Datasheet HTML 16Page - Texas Instruments LM5116-HT Datasheet HTML 17Page - Texas Instruments LM5116-HT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
RT =
T - 450 ns
284 pF
Internal 5V rail
EN
6V
3 2A
LM5116-HT
SLVSBS8B – OCTOBER 2013 – REVISED JANUARY 2014
www.ti.com
Figure 5. Enable Circuit
Figure 6. EN Bias Current vs Voltage
UVLO
An under-voltage lockout pin is provided to disable the regulator without entering shutdown. If the UVLO pin is
pulled below 1.215 V, the regulator enters a standby mode of operation with the soft-start capacitor discharged
and outputs disabled, but with the VCC regulator running. If the UVLO input is pulled above 1.215 V, the
controller will resume normal operation. A voltage divider from input to ground can be used to set a VIN threshold
to disable the supply in brown-out conditions or for low input faults. The UVLO pin has a 5 µA internal pull up
current that allows this pin to left open if the input under-voltage lockout function is not needed. For applications
which require fast on/off cycling, the UVLO pin with an open collector control signal may be used to ensure
proper start-up sequencing.
The UVLO pin is also used to implement a “hiccup” current limit. If a current limit fault exists for more than 256
consecutive clock cycles, the UVLO pin will be internally pulled down to 200 mV and then released, and a new
SS cycle initiated. A capacitor to ground connected to the UVLO pin will set the timing for hiccup mode current
limit. When this feature is used in conjunction with the voltage divider, a diode across the top resistor may be
used to discharge the capacitor in the event of an input under-voltage condition. There is a 5 µs filter at the input
to the fault comparator. At higher switching frequency (greater than approximately 250 kHz) the hiccup timer may
be disabled if the fault capacitor is not used.
Oscillator and Sync Capability
The LM5116 oscillator frequency is set by a single external resistor connected between the RT/SYNC pin and
the AGND pin. The resistor should be located very close to the device and connected directly to the pins of the
IC (RT/SYNC and AGND). To set a desired oscillator frequency (fSW), the necessary value for the resistor can be
calculated from the following equation:
(1)
Where T = 1 / fSW and RT is in ohms. 450 ns represents the fixed minimum off time.
14
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: LM5116-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com