Electronic Components Datasheet Search
  English  ▼

X  

LM5116-HT Datasheet(PDF) 6 Page - Texas Instruments

Part # LM5116-HT
Description  WIDE RANGE SYNCHRONOUS BUCK CONTROLLER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5116-HT Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM5116-HT Datasheet HTML 2Page - Texas Instruments LM5116-HT Datasheet HTML 3Page - Texas Instruments LM5116-HT Datasheet HTML 4Page - Texas Instruments LM5116-HT Datasheet HTML 5Page - Texas Instruments LM5116-HT Datasheet HTML 6Page - Texas Instruments LM5116-HT Datasheet HTML 7Page - Texas Instruments LM5116-HT Datasheet HTML 8Page - Texas Instruments LM5116-HT Datasheet HTML 9Page - Texas Instruments LM5116-HT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
LM5116-HT
SLVSBS8B – OCTOBER 2013 – REVISED JANUARY 2014
www.ti.com
Electrical Characteristics (continued)
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature range of -55°C to
+175°C and are provided for reference only. Unless otherwise specified, the following conditions apply: VIN = 48V,
VCC = 7.4 V, VCCX = 0 V, EN = 5 V, RT = 16 kΩ, no load on LO and HO.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Error Amplifier
VREF
FB Reference Voltage
Measured at FB pin,
1.195
1.215
1.231
V
FB = COMP
FB Input Bias Current
FB = 2 V
15
600
nA
COMP Sink/Source Current
3
mA
AOL
DC Gain
80
dB
fBW
Unity Gain Bandwidth
3
MHz
PWM Comparators
tHO(OFF)
Forced HO Off-time
320
450
600
ns
tON(min)
Minimum HO On-time
VIN = 80 V, CRAMP = 50 pF
100
ns
Oscillator
fSW1
Frequency 1
RT = 16 k
Ω
175
200
225
kHz
fSW2
Frequency 2
RT = 5 k
Ω
470
535
610
kHz
RT output voltage
1.191
1.215
1.239
V
RT sync positive threshold
2.6
3.5
4.4
V
Current Limit
VCS(TH)
Cycle-by-cycle Sense Voltage Threshold VCCX = 0 V, RAMP = 0 V
94
110
126
mV
(CSG - CS)
VCS(THX)
Cycle-by-cycle Sense Voltage Threshold VCCX = 5 V, RAMP = 0 V
105
122
139
mV
(CSG - CS)
CS Bias Current
CS = 100 V
-5
5
µA
CS Bias Current
CS = 0 V
90
125
µA
CSG Bias Current
CSG = 0 V
90
125
µA
Current Limit Fault Timer
RT = 16 kΩ, (200 kHz),
1.28
ms
(256 clock cycles)
RAMP Generator
IR1
RAMP Current 1
VIN = 60 V, VOUT = 10 V
235
285
335
µA
IR2
RAMP Current 2
VIN = 10 V, VOUT = 10 V
21
28
35
µA
VOUT Bias Current
VOUT = 36 V
200
µA
RAMP Output Low Voltage
VIN = 60 V, VOUT = 10 V
265
mV
Diode Emulation
SW Zero Cross Threshold
-6
mV
DEMB Output Current
DEMB = 0 V, SS = 1.25 V
1.6
2.7
4.5
µA
DEMB Output Current
DEMB =0 V, SS = 2.8 V
28
38
48
µA
DEMB Output Current
DEMB = 0 V, SS = Regulated
45
65
85
µA
by FB
LO Gate Driver
VOLL
LO Low-state Output Voltage
ILO = 100 mA
0.08
0.18
V
VOHL
LO High-state Output Voltage
ILO = -100 mA,
0.25
V
VOHL = VCC - VLO
LO Rise Time
C-load = 1000 pF
18
ns
LO Fall Time
C-load = 1000 pF
12
ns
IOHL
Peak LO Source Current
VLO = 0 V
1.8
A
IOLL
Peak LO Sink Current
VLO = VCC
3.5
A
6
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: LM5116-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com