Electronic Components Datasheet Search
  English  ▼

X  

LM8330 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM8330
Description  LM8330 I2C-Compatible Keypad Controller with GPIO, PWM, and IEC61000 ESD Protection
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM8330 Datasheet(HTML) 2 Page - Texas Instruments

  LM8330 Datasheet HTML 1Page - Texas Instruments LM8330 Datasheet HTML 2Page - Texas Instruments LM8330 Datasheet HTML 3Page - Texas Instruments LM8330 Datasheet HTML 4Page - Texas Instruments LM8330 Datasheet HTML 5Page - Texas Instruments LM8330 Datasheet HTML 6Page - Texas Instruments LM8330 Datasheet HTML 7Page - Texas Instruments LM8330 Datasheet HTML 8Page - Texas Instruments LM8330 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
1
2
3
4
5
A
B
C
D
E
LM8330
Main
processing
device
ACCESS.bus
Command
Interpreter
Input/Output
Expansion
SDA
SCL
RESETN
IRQN
1.8V (typ)
VCC
Internal
OSC
DIV
32 kHz
Reference
Clock
PWM
Generator
Key-Scan
Control
Wake-Up
Control
Keypad
Matrix
PWM0
PWM1
PWM2
Input/Output
Sleep Control
General Purpose
Inputs/Outputs
NOTE: This diagram illustrates IO configuration 3 with IRQN enabled
ASIP ESD
Protection
0.1 PF (required)
LM8330
SNVS839A – JUNE 2012 – REVISED MARCH 2013
www.ti.com
DESCRIPTION (CONTINUED)
The LM8330 is available in a 25-bump lead-free DSBGA package size 2.0 mm x 2.0 mm x 0.6 mm (0.4 mm
pitch).
The LM8330 has integrated ASIP (Application Specific Integrated Passives) on the KPX[7:0] and KPY[10:0] pins.
These pins are designed to tolerate IEC61000-4-2 level 4 ESD: ±8 kV direct contact.
LM8330 FUNCTION BLOCKS
PACKAGE MARKING
Figure 1. LM8330 Pinout - Top View (balls underneath)
2
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM8330



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com