Electronic Components Datasheet Search
  English  ▼

X  

LM8330 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM8330
Description  LM8330 I2C-Compatible Keypad Controller with GPIO, PWM, and IEC61000 ESD Protection
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM8330 Datasheet(HTML) 4 Page - Texas Instruments

  LM8330 Datasheet HTML 1Page - Texas Instruments LM8330 Datasheet HTML 2Page - Texas Instruments LM8330 Datasheet HTML 3Page - Texas Instruments LM8330 Datasheet HTML 4Page - Texas Instruments LM8330 Datasheet HTML 5Page - Texas Instruments LM8330 Datasheet HTML 6Page - Texas Instruments LM8330 Datasheet HTML 7Page - Texas Instruments LM8330 Datasheet HTML 8Page - Texas Instruments LM8330 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
LM8330
SNVS839A – JUNE 2012 – REVISED MARCH 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Supply Voltage (VCC)
−0.3V to 2.2V
Voltage at Generic I/Os
−0.2V to VCC +0.2V
Voltage at Backdrive I/Os
−0.3V to +.2.2V
Junction Temperature
+150°C
Storage Temperature Range
−40°C to +140°C
Lead Temperature (TL)
(Soldering, 10 sec.)
+260°C
ESD Protection Level
Human Body Model:
2000V
Machine Model:
200V
Charge Device Model:
500V
IEC61000-4-2, 330
Ω, 150 pF:
Direct Contact (ASIP I/O only):
±8kV
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and test conditions,
see the Electrical Characteristics tables.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
OPERATING RATINGS
Min
Max
Units
VCC Supply Voltage
1.62
1.98
V
Supply Noise
50
mVpp
Operating Ambient Temperature
−30°C to +85°C
DC ELECTRICAL CHARACTERISTICS
Datasheet min/max specification limits are specified by design, test, or statistical analysis. Temperature:
−30°C ≤ TA ≤ +85°C,
VCC = 1.8V ±10%, unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VCC
Operating Voltage
Core Supply Voltage
1.62
1.98
V
No load on any Output pin,
VCC = 1.8V, TA = 25°C
ICCDYN1
Active 8x7 Keypad matrix,
23
30
ACCESS.Bus frequency = 400 Khz,
No key pressed, PWM Inactive
Supply Current (1)
ICCDYN2
No load on any Output pin, VCC = 1.8V, TA
= 25°C
µA
All GPIO Mode - outputs toggling,
18
25
ACCESS.Bus frequency = 400 Khz,
PWM Inactive
ICCHALT
Sleep Mode HALT Current (2)
VCC = 1.8V, TA = 25°C
Internal Clock = OFF, no internal functional
1.5
3.0
blocks running
(1)
Supply current is measured with inputs connected to VCC and outputs driven low but not connected to a load.
(2)
In sleep mode, the internal clock is switched off. Supply current in sleep mode is measured with inputs connected to VCC and outputs
driven low but not connected to a load.
4
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM8330



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com