Electronic Components Datasheet Search
  English  ▼

X  

LM8330 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM8330
Description  LM8330 I2C-Compatible Keypad Controller with GPIO, PWM, and IEC61000 ESD Protection
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM8330 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM8330 Datasheet HTML 8Page - Texas Instruments LM8330 Datasheet HTML 9Page - Texas Instruments LM8330 Datasheet HTML 10Page - Texas Instruments LM8330 Datasheet HTML 11Page - Texas Instruments LM8330 Datasheet HTML 12Page - Texas Instruments LM8330 Datasheet HTML 13Page - Texas Instruments LM8330 Datasheet HTML 14Page - Texas Instruments LM8330 Datasheet HTML 15Page - Texas Instruments LM8330 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 54 page
background image
LM8330
SNVS839A – JUNE 2012 – REVISED MARCH 2013
www.ti.com
KEYSCAN OPERATION
KEYSCAN INITIALIZATION
Figure 4. Keyscan Initialization
KEYSCAN INITIALIZATION EXAMPLE
Table 4 shows all the LM8330 register configurations to initialize keyscan:
•
Keypad matrix configuration is 8 rows x 8 columns.
Table 4. Keyscan Initialization Example
Register name
adress
Access Type
Value
Comment
KBDSETTLE
0x01
byte
0x80
Set the keyscan settle time to 12 msec.
KBDBOUNCE
0x02
byte
0x80
Set the keyscan debounce time to 12 msec.
KBDSIZE
0x03
byte
0x88
Set the keyscan matrix size to 8 rows x 8 columns.
KBDDEDCFG
0x04
word
0xFC3F
Configure KPX[7:2] and KPY[7:2] pins as keyboard matrix.
IOCFG
0xA7
byte
0xF8
Write default value to enable all pins as keyboard matrix.
IOPC0
0xAA
word
0xAAAA
Configure pullup resistors for KPX[7:0].
IOPC1
0xAC
word
0x5555
Configure pulldown resistors for KPY[7:0].
KBDIC
0x08
byte
0x03
clear any pending interrupts.
KBDMSK
0x09
byte
0x03
Enable keyboard interrupts.
CLKEN
0x8A
byte
0x01
Enable keyscan clock.
12
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM8330



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com