Electronic Components Datasheet Search
  English  ▼

X  

LM8330 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM8330
Description  LM8330 I2C-Compatible Keypad Controller with GPIO, PWM, and IEC61000 ESD Protection
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM8330 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM8330 Datasheet HTML 17Page - Texas Instruments LM8330 Datasheet HTML 18Page - Texas Instruments LM8330 Datasheet HTML 19Page - Texas Instruments LM8330 Datasheet HTML 20Page - Texas Instruments LM8330 Datasheet HTML 21Page - Texas Instruments LM8330 Datasheet HTML 22Page - Texas Instruments LM8330 Datasheet HTML 23Page - Texas Instruments LM8330 Datasheet HTML 24Page - Texas Instruments LM8330 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
LM8330
www.ti.com
SNVS839A – JUNE 2012 – REVISED MARCH 2013
Table 23. KBDIC - Keypad Interrupt Clear Register (continued)
Register - Name
Address
Default
Register Function
Switches off scanning of special function (SF) keys, when keyboard has
no special function layout:
SFOFF
7
0: keyboard layout and SF keys are scanned
1: only keyboard layout is scanned, SF keys are not scanned
(reserved)
6:2
(reserved)
Clear EVTCODE FIFO and corresponding interrupts REVTINT and
RELINT by writing a 1 to this bit position.
Note: Any key data in the EVTCODE FIFO will be lost when this bit is set;
EVTIC
1
it is the users responsibility to ensure that all key data is read prior to
asserting this bit. If a key is pressed while EVTIC is asserted/de-asserted
the EVTCODE FIFO will be updated with only the key release code when
the key is released.
Clear RSINT and RKLINT interrupt bits by writing a '1' to this bit position.
KBDIC
0
Note The KBDCODE registers are not cleared when setting this bit.
KBDMSK - Keypad Interrupt Mask Register
Table 24. KBDMSK - Keypad Interrupt Mask Register
Register - Name
Address
Type
Register Function
Configures masking of keyboard interrupts. Masked interrupts do not
trigger an event on the Interrupt output.
In case the interrupt processes registers KBDCODE[3:0], MSKELINT and
KBDMSK
0x09
R/W
MSKEINT should be set to '1'. When the Event FIFO is processed,
MSKLINT and MSKSINT should be set. For keyboard polling operations,
all bits should be set and the polling operation consists of reading out the
IRQST.
Bit - Name
Bit
Default
Bit Function
(reserved)
7:4
(reserved)
0: keyboard event lost interrupt RELINT triggers IRQ line
MSKELINT
3
0x0
1: keyboard event lost interrupt RELINT is masked
0: keyboard event interrupt REVINT triggers IRQ line
MSKEINT
2
0x0
1: keyboard event interrupt REVINT is masked
0: keyboard lost interrupt RKLINT triggers IRQ line
MSKLINT
1
0x1
1: keyboard lost interrupt RKLINT is masked
0: keyboard status interrupt RSINT triggers IRQ line
MSKSINT
0
0x1
1: keyboard status interrupt RSINT is masked
KEYBOARD CODE DETECT REGISTERS
The key code detected by the keyboard scan can be read from the registers KBDCODE0: KBDCODE3. Up to 4
keys can be detected simultaneously. Each KBDCODE register includes a bit (MULTIKEY) indicating if another
key has been detected.
NOTE
Reading out all key code registers (KBDCODE0 to KBDCODE3) will automatically reset
the keyboard scan interrupt RSINT the same way as an active write access into bit KBDIC
of the interrupt clear register does. Reading 0x7F from the KBDCODE0 register means
that no key was pressed.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM8330



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com