Electronic Components Datasheet Search
  English  ▼

X  

LM8330 Datasheet(PDF) 39 Page - Texas Instruments

Part # LM8330
Description  LM8330 I2C-Compatible Keypad Controller with GPIO, PWM, and IEC61000 ESD Protection
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM8330 Datasheet(HTML) 39 Page - Texas Instruments

Back Button LM8330 Datasheet HTML 35Page - Texas Instruments LM8330 Datasheet HTML 36Page - Texas Instruments LM8330 Datasheet HTML 37Page - Texas Instruments LM8330 Datasheet HTML 38Page - Texas Instruments LM8330 Datasheet HTML 39Page - Texas Instruments LM8330 Datasheet HTML 40Page - Texas Instruments LM8330 Datasheet HTML 41Page - Texas Instruments LM8330 Datasheet HTML 42Page - Texas Instruments LM8330 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
LM8330
www.ti.com
SNVS839A – JUNE 2012 – REVISED MARCH 2013
GPIOIBE2 - GPIO Interrupt Edge Configuration Register 2
Table 71. GPIOIBE2 - GPIO Interrupt Edge Configuration Register 2
Register - Name
Address
Type
Register Function
Defines whether an interrupt on KPY[11:8] was triggered on either edge or
GPIOIBE2
0xCE
R/W
on a single edge. See Table 74 for the edge configuration.
Bit - Name
Bit
Default
Bit Function
(reserved
7:4
(reserved)
Interrupt both edges bits for KPY[11:8]:
KPY[11:8]IBE
3:0
0x0
0: interrupt generated at the active edge.
1: interrupt generated after either edge.
GPIOIEV0 - GPIO Interrupt Edge Select Register 0
Table 72. GPIOIEV0 - GPIO Interrupt Edge Select Register 0
Register - Name
Address
Type
Register Function
GPIOIEV0
0xCF
R/W
Select Interrupt edge for KPX[7:0].
Bit - Name
Bit
Default
Bit Function
Interrupt edge select from KPX[7:0]:
KPX[7:0]EV
7:0
0xFF
0: interrupt at low level or falling edge
1: interrupt at high level or rising edge
GPIOIEV1 - GPIO Interrupt Edge Select Register 1
Table 73. GPIOIEV1 - GPIO Interrupt Edge Select Register 1
Register - Name
Address
Type
Register Function
GPIOIEV1
0xD0
R/W
Select Interrupt edge for KPY[7:0].
Bit - Name
Bit
Default
Bit Function
Interrupt edge select from KPY[7:0]:
KPY[7:0]EV
7:0
0xFF
0: interrupt at low level or falling edge
1: interrupt at high level or rising edge
GPIOIEV2 - GPIO Interrupt Edge Select Register 2
Table 74. GPIOIEV2 - GPIO Interrupt Edge Select Register 2
Register - Name
Address
Type
Register Function
GPIOIEV2
0xD1
R/W
Select Interrupt edge for KPY[11:8].
Bit - Name
Bit
Default
Bit Function
(reserved)
7:4
(reserved)
Interrupt edge select from KPY[11:8]:
KPY[11:8]EV
3:0
0xFF
0: interrupt at low level or falling edge
1: interrupt at high level or rising edge
GPIOIE0 - GPIO Interrupt Enable Register 0
Table 75. GPIOIE0 - GPIO Interrupt Enable Register 0
Register - Name
Address
Type
Register Function
GPIOIE0
0xD2
R/W
Enable/disable interrupts on KPX[7:0].
Bit - Name
Bit
Default
Bit Function
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: LM8330



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com