Electronic Components Datasheet Search
  English  ▼

X  

LMH0366 Datasheet(PDF) 17 Page - Texas Instruments

Part # LMH0366
Description  LMH0366 3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH0366 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LMH0366 Datasheet HTML 13Page - Texas Instruments LMH0366 Datasheet HTML 14Page - Texas Instruments LMH0366 Datasheet HTML 15Page - Texas Instruments LMH0366 Datasheet HTML 16Page - Texas Instruments LMH0366 Datasheet HTML 17Page - Texas Instruments LMH0366 Datasheet HTML 18Page - Texas Instruments LMH0366 Datasheet HTML 19Page - Texas Instruments LMH0366 Datasheet HTML 20Page - Texas Instruments LMH0366 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
SS
(host)
SCK
(host)
16xN clocks
Device N-1
Write Data
Device N-2
Write Data
Device N-3
Write Data
Device N
Write Data
MOSI (host)
MOSI Device 1
MISO Device 1
MOSI Device 2
'21¶7 &$5(
Device 1
Write Data
Device N
Write Data
Device N-1
Write Data
Device N-2
Write Data
Device 2
Write Data
'21¶7 &$5(
'21¶7 &$5(
'21¶7 &$5(
'21¶7 &$5(
Device N
Write Data
MISO Device N-1
MOSI Device N
SPI Write Data
A6 A5 A4 A3 A2 A1
0
A0 D7 D6 D5 D4
D2 D1 D0
D3
Host
MISO
MOSI
SCK
SS
LMH0366
MOSI
MISO
LMH0366
MOSI
MISO
LMH0366
MOSI
MISO
LMH0366
MOSI
MISO
Device 1
Device 2
Device 3
Device N
LMH0366
www.ti.com
SNAS585D – APRIL 2012 – REVISED APRIL 2013
Figure 6. SPI Daisy Chain System Architecture
In a daisy-chain configuration of N LMH0366 devices, the host conceptually sees a shift register of length 16xN.
Therefore the length of SPI transactions (as previously described) is 16xN bits, and SS must be asserted for
16xN clock cycles for each SPI transaction.
SPI Daisy-Chain Write
Figure 7 shows the SPI daisy-chain write for a daisy-chain of N devices. The SS signal is driven low and SCK is
toggled for 16xN clocks. The 16xN bit MOSI payload (sent to Device 1 in the daisy-chain) consists of the 16-bit
SPI write data for Device N (the last device in the chain), followed by the write data for Device N-1, Device N-2,
etc., ending with the write data for Device 1 (the first device in the chain). The 16-bit SPI write data for each
device consists of a “0” (write command), seven address bits, and eight data bits. After the SPI daisy-chain write,
SS must return high and then the write occurs for all devices in the daisy-chain.
Figure 7. SPI Daisy-Chain Write
SPI Daisy-Chain Read
Figure 8 shows the SPI daisy-chain read for a daisy-chain of N devices. The SPI daisy-chain read is 32xN bits
long, consisting of 16xN bits for the read transaction followed by 16xN bits for the dummy read transaction (all
“1”s) to shift out the read data on the MISO output. The SS signal is driven low and SCK is toggled for 16xN
clocks. The first 16xN bit MOSI payload (sent to Device 1 in the daisy-chain) consists of the 16-bit SPI read data
for Device N (the last device in the chain), followed by the read data for Device N-1, Device N-2, etc., ending with
the read data for Device 1 (the first device in the chain). The 16-bit SPI read data for each device consists of a
“1” (read command), seven address bits, and eight “1”s (which are ignored). After the first 16xN bit transaction,
SS must return high (to latch the data) and then is driven low again before the second 16xN bit transaction of all
“1”s is sent to the MOSI input. The requested read data is shifted out on MISO starting with the data for Device N
and ending with the data for Device 1. After this transaction, SS must return high.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LMH0366



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com