Electronic Components Datasheet Search
  English  ▼

X  

LMH0366 Datasheet(PDF) 25 Page - Texas Instruments

Part # LMH0366
Description  LMH0366 3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH0366 Datasheet(HTML) 25 Page - Texas Instruments

Back Button LMH0366 Datasheet HTML 21Page - Texas Instruments LMH0366 Datasheet HTML 22Page - Texas Instruments LMH0366 Datasheet HTML 23Page - Texas Instruments LMH0366 Datasheet HTML 24Page - Texas Instruments LMH0366 Datasheet HTML 25Page - Texas Instruments LMH0366 Datasheet HTML 26Page - Texas Instruments LMH0366 Datasheet HTML 27Page - Texas Instruments LMH0366 Datasheet HTML 28Page - Texas Instruments LMH0366 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
LMH0366
www.ti.com
SNAS585D – APRIL 2012 – REVISED APRIL 2013
Table 8. SPI Registers (continued)
Addr
Name
Bits
Field
R/W
Default
Description
(hex)
(binary)
14
Device Control
7
MUTE_STATE
R/W
0
Sets the state of the output
drivers when muted.
0: When muted, outputs are
forced to logic 0.
1: When muted, outputs are
forced to logic 1.
6:5
RSVD
R/W
00
Reserved.
4
EOM_PD
R/W
1
Eye opening monitor power
down.
0: EOM enabled.
1: EOM powered down.
3:2
EOM_VRANGE
R/W
00
Eye opening monitor voltage
range.
00: ±100 mV, resolution is 3.125
mV.
01: ±200 mV, resolution is 6.25
mV.
10: ±300 mV, resolution is 9.375
mV.
11: ±400 mV, resolution is 12.5
mV.
1
MUX2_EQ_SEL
R/W
1
Selects equalized data for the
EOM and also for the bypassed
data for the SDO1 output.
0: Select non-equalized data.
1: Select equalized data.
0
MULTI_LOCK_CHK
R/W
1
Multi lock check enable.
0: Failing lock conditions once
causes reclocker to lose lock.
1: Require two failing lock
conditions to cause reclocker to
lose lock.
15
Receiver Power Down
7:5
SIG_DET_PD_X
R/W
000
Signal detect power down for
unused inputs (input channels
not present on the LMH0366).
000: Signal detection powered for
unused inputs.
111: Signal detection powered
down for unused inputs.
4
SIG_DET_PD
R/W
0
Signal detect power down for SDI
input.
0: Normal operation.
1: Signal detection powered
down.
3:1
EQ_PD_X
R/W
000
Equalizer power down for unused
inputs (input channels not
present on the LMH0366).
000: Equalizer powered for
unused inputs.
111: Equalizer powered down for
unused inputs.
0
EQ_PD
R/W
0
Equalizer power down for SDI
input.
0: Normal operation.
1: Equalizer powered down.
16
Reserved
7:0
RSVD
R/W
01111010
Reserved.
17
Reserved
7:0
RSVD
R/W
00110110
Reserved.
18
Reserved
7:0
RSVD
R/W
00000000
Reserved.
19
Reserved
7:0
RSVD
R/W
00100000
Reserved.
1A
Reserved
7:0
RSVD
R/W
00000000
Reserved.
1B
Reserved
7:0
RSVD
R/W
00000011
Reserved.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LMH0366



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com