Electronic Components Datasheet Search
  English  ▼

X  

LMH0366 Datasheet(PDF) 27 Page - Texas Instruments

Part # LMH0366
Description  LMH0366 3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH0366 Datasheet(HTML) 27 Page - Texas Instruments

Back Button LMH0366 Datasheet HTML 23Page - Texas Instruments LMH0366 Datasheet HTML 24Page - Texas Instruments LMH0366 Datasheet HTML 25Page - Texas Instruments LMH0366 Datasheet HTML 26Page - Texas Instruments LMH0366 Datasheet HTML 27Page - Texas Instruments LMH0366 Datasheet HTML 28Page - Texas Instruments LMH0366 Datasheet HTML 29Page - Texas Instruments LMH0366 Datasheet HTML 30Page - Texas Instruments LMH0366 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
LMH0366
www.ti.com
SNAS585D – APRIL 2012 – REVISED APRIL 2013
Table 8. SPI Registers (continued)
Addr
Name
Bits
Field
R/W
Default
Description
(hex)
(binary)
20
Input Signal Detect
7
SIG_DET_PRESET
R/W
0
Signal detect preset.
Control
6
SIG_DET_RESET
R/W
0
Signal detect reset.
5:3
SIG_DET_LVL
R/W
011
Differential input signal detect
level (VSDID).
011: Assert = 112 mV, de-assert
= 78 mV.
100: Assert = 142 mV, de-assert
= 112 mV.
101: Assert = 180 mV, de-assert
= 142 mV.
110: Assert = 218 mV, de-assert
= 180 mV.
111: Assert = 256 mV, de-assert
= 218 mV.
All others: Reserved.
2:0
RSVD
R/W
000
Reserved.
21
Reserved
7:0
RSVD
R/W
00000101
Reserved.
22
EOM Control 1
7
EOM_OV
R/W
0
Eye opening monitor PDAC and
VDAC override.
0: EOM phase and voltage DACs
are controlled automatically (in
fast EOM mode and during
HEO/VEO measurement).
1: EOM phase DAC and voltage
DAC values are overridden with
the values in register 0x22 bits
5:0 (EOM_PDAC) and register
0x23 bits 5:0 (EOM_VDAC),
respectively.
6
EOM_SEL_3G
R/W
0
3G eye monitor mode. Adds
filtering to improve EOM
performance at 3G data rates.
0: Operate eye monitor in HD or
SD mode.
1: Operate eye monitor in 3G
mode.
5:0
EOM_PDAC
R/W
000000
Eye opening monitor phase DAC
value. When register 0x22 bit 7
(EOM_OV) is set, this field
controls the EOM phase DAC.
23
EOM Control 2
7:6
RSVD
R/W
01
Reserved.
5:0
EOM_VDAC
R/W
000000
Eye opening monitor voltage
DAC value. When register 0x22
bit 7 (EOM_OV) is set, this field
controls the EOM voltage DAC.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: LMH0366



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com