Electronic Components Datasheet Search
  English  ▼

X  

LMH0366 Datasheet(PDF) 26 Page - Texas Instruments

Part # LMH0366
Description  LMH0366 3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH0366 Datasheet(HTML) 26 Page - Texas Instruments

Back Button LMH0366 Datasheet HTML 22Page - Texas Instruments LMH0366 Datasheet HTML 23Page - Texas Instruments LMH0366 Datasheet HTML 24Page - Texas Instruments LMH0366 Datasheet HTML 25Page - Texas Instruments LMH0366 Datasheet HTML 26Page - Texas Instruments LMH0366 Datasheet HTML 27Page - Texas Instruments LMH0366 Datasheet HTML 28Page - Texas Instruments LMH0366 Datasheet HTML 29Page - Texas Instruments LMH0366 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
LMH0366
SNAS585D – APRIL 2012 – REVISED APRIL 2013
www.ti.com
Table 8. SPI Registers (continued)
Addr
Name
Bits
Field
R/W
Default
Description
(hex)
(binary)
1C
Rate Select
7:2
RSVD
R/W
001001
Reserved.
1:0
RATE_SEL
R/W
00
Rate mode select. Select rate
mode using the following code
(must set register 0x1D bit 0 to
override RATE pins first).
00: Auto-rate detect - video rates
(270, 1483.5, 1485, 2967, 2970
Mbps).
01: 270 Mbps.
10: 1483.5/1485 Mbps,
2967/2970 Mbps.
11: 125 Mbps.
1D
Rate Select Control
7:1
RSVD
R/W
1000000
Reserved.
0
RATE_SEL_OV
R/W
0
Rate select override to override
use of RATE pins.
0: No override. Rate mode is
selected by RATE pins.
1: Override rate selection using
register 0x1C bits 1:0
(RATE_SEL) instead of using
RATE pins.
1E
Output Select
7
RSVD
R/W
0
Reserved.
6:5
SDO0_SEL
R/W
00
SDO0 manual output selection.
When register 0x09 bit 5 is set
(to override pin mode), this field
allows manual selection of the
SDO0 output.
00: Reclocked data, when
locked; bypassed data, when
unlocked.
01: Bypassed data.
10: Muted.
11: Reclocked data, when
locked; bypassed data, when
unlocked.
4:3
SDO1_SEL
R/W
01
SDO1 manual output selection.
When register 0x09 bit 5 is set
(to override pin mode), this field
allows manual selection of the
SDO1 output.
00: Recovered clock, when
locked; muted, when unlocked.
01: Reclocked data, when
locked; bypassed data, when
unlocked.
10: Muted.
11: Bypassed data.
2:0
RSVD
R/W
011
Reserved.
1F
Reserved
7:0
RSVD
R/W
01010101
Reserved.
26
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LMH0366



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com