Electronic Components Datasheet Search
  English  ▼

X  

LMH0366 Datasheet(PDF) 30 Page - Texas Instruments

Part # LMH0366
Description  LMH0366 3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH0366 Datasheet(HTML) 30 Page - Texas Instruments

Back Button LMH0366 Datasheet HTML 26Page - Texas Instruments LMH0366 Datasheet HTML 27Page - Texas Instruments LMH0366 Datasheet HTML 28Page - Texas Instruments LMH0366 Datasheet HTML 29Page - Texas Instruments LMH0366 Datasheet HTML 30Page - Texas Instruments LMH0366 Datasheet HTML 31Page - Texas Instruments LMH0366 Datasheet HTML 32Page - Texas Instruments LMH0366 Datasheet HTML 33Page - Texas Instruments LMH0366 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
LMH0366
SNAS585D – APRIL 2012 – REVISED APRIL 2013
www.ti.com
Table 8. SPI Registers (continued)
Addr
Name
Bits
Field
R/W
Default
Description
(hex)
(binary)
2D
PPM Counter Contol
7:3
RSVD
R/W
00000
Reserved.
2
PPM_CNT_MODE
R/W
0
PPM counter mode. Controls the
use of the PPM counter and the
external reference clock when
qualifying lock.
0: Normal operation. Qualify lock
with the PPM counter if the
reference clock is detected.
1: Ignore the PPM counter when
determining lock, regardless of
the presence of a reference clock
(i.e. do not use the reference
clock and run in referenceless
mode).
1
PPM_START
R/W
0
Manual PPM count trigger. When
register 0x2D bit 0
(PPM_START_OV) is set, this bit
can be used to start a manual
PPM count measurement. To
start another measurement, this
bit must be toggled low to high.
0: Normal operation. Manual
PPM count disabled.
1: Manual PPM count enabled.
0
PPM_START_OV
R/W
0
Manual PPM count enable.
Enables the use of register 0x2D
bit 1 (PPM_START) to manually
start a PPM count measurement.
0: Normal operation. PPM
counter is controlled
automatically by the LMH0366.
1: Manual PPM count operation
enabled. Register 0x2D bit 2
(PPM_CNT_MODE) should be
set to ignore the PPM counter so
that the LMH0366 will not
automatically attempt to start the
PPM counter.
2E
PPM Threshold Control
7:0
PTCR1
R/W
11011011
1.485/2.97 Gbps low threshold,
1
bits 15:8.
2F
PPM Threshold Control
7:0
PTCR2
R/W
11100110
1.485/2.97 Gbps low threshold,
2
bits 7:0.
30
PPM Threshold Control
7:0
PTCR3
R/W
11011100
1.485/2.97 Gbps high threshold,
3
bits 15:8.
31
PPM Threshold Control
7:0
PTCR4
R/W
00011010
1.485/2.97 Gbps high threshold,
4
bits 7:0.
32
PPM Threshold Control
7:0
PTCR5
R/W
11011011
1.4835/2.967 Gbps low
5
threshold, bits 15:8.
33
PPM Threshold Control
7:0
PTCR6
R/W
10101110
1.4835/2.967 Gbps low
6
threshold, bits 7:0.
34
PPM Threshold Control
7:0
PTCR7
R/W
11011011
1.4835/2.967 Gbps high
7
threshold, bits 15:8.
35
PPM Threshold Control
7:0
PTCR8
R/W
11100001
1.4835/2.967 Gbps high
8
threshold, bits 7:0.
36
PPM Threshold Control
7:0
PTCR9
R/W
11101111
270 Mbps low threshold, bits
9
15:8.
37
PPM Threshold Control
7:0
PTCR10
R/W
11100100
270 Mbps low threshold, bits 7:0.
10
38
PPM Threshold Control
7:0
PTCR11
R/W
11110000
270 Mbps high threshold, bits
11
15:8.
30
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LMH0366



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com