Electronic Components Datasheet Search
  English  ▼

X  

LP3943 Datasheet(PDF) 15 Page - Texas Instruments

Part # LP3943
Description  LP3943 16-Channel RGB, White-LED Driver with Independent SMBUS/I2C String Control
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3943 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP3943 Datasheet HTML 11Page - Texas Instruments LP3943 Datasheet HTML 12Page - Texas Instruments LP3943 Datasheet HTML 13Page - Texas Instruments LP3943 Datasheet HTML 14Page - Texas Instruments LP3943 Datasheet HTML 15Page - Texas Instruments LP3943 Datasheet HTML 16Page - Texas Instruments LP3943 Datasheet HTML 17Page - Texas Instruments LP3943 Datasheet HTML 18Page - Texas Instruments LP3943 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Programming Example:
• Dim LEDs 0 to 7 at 1Hz at 25% duty cycle
• Dim LEDs 8 to 12 at 5Hz at 50% duty cycle
• Set LEDs 13, 14 and 15 off
• Step 1: Set PSC0 to achieve DIM0 of 1 s
• Step 2: Set PWM0 duty cycle to 25%
• Step 3: Set PSC1 to achieve DIM1 of 0.2 s
• Step 4: Set PWM1 duty cycle to 50%
• Step 5: Set LEDs 13, 14 and 15 off by loading the data into LS3 register
• Step 6: Set LEDs 0 to 7 to point to DIM0
• Step 7: Set LEDs 8 to 12 to point to DIM1
Table 6-13. Programming Details
STEP
DESCRIPTION
REGISTER NAME
SET TO (HEX)
1
Set DIM0 = 1 s
1 = (PSC0 + 1)/160
PSC0 = 159
PSC0
0x09F
2
Set duty cycle to 25%
Duty Cycle = PWM0/256
PWM0 = 64
PWM0
0x40
3
Set DIM1 = 0.2s
0.2 = (PSC1 + 1)/160
PSC1 = 31
PSC1
0x1F
4
Set duty cycle to 50%
Duty Cycle = PWM1/256
PWM1 = 128
PWM1
0x80
5
LEDs 13, 14 and 15 off
Output = HIGH
LS3
0x03
6
LEDs 0 to 7
Output = DIM0
LS0, LS1
LS0 = 0xAA
LS1 = 0xAA
7
LEDs 8 to 12
Output = DIM1
LS2, LS3
LS2 = 0xFF
LS3 = 0x03
www.ti.com
LP3943
SNVS256E – NOVEMBER 2003 – REVISED OCTOBER 2024
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: LP3943



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com