Electronic Components Datasheet Search
  English  ▼

X  

LP3943 Datasheet(PDF) 16 Page - Texas Instruments

Part # LP3943
Description  LP3943 16-Channel RGB, White-LED Driver with Independent SMBUS/I2C String Control
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3943 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP3943 Datasheet HTML 12Page - Texas Instruments LP3943 Datasheet HTML 13Page - Texas Instruments LP3943 Datasheet HTML 14Page - Texas Instruments LP3943 Datasheet HTML 15Page - Texas Instruments LP3943 Datasheet HTML 16Page - Texas Instruments LP3943 Datasheet HTML 17Page - Texas Instruments LP3943 Datasheet HTML 18Page - Texas Instruments LP3943 Datasheet HTML 19Page - Texas Instruments LP3943 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and
TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
1 Application Information
The LP3943 is a 16-channel LED controller which has 16 low-side current switches. Each switch can control the
LED current in its respective LED or LEDs by modulating its duty cycle and frequency.
2 Typical Application
White LEDs
Blue LEDs
+5V
+5V
+5V
R
G
B
LED0
LED2
LED1
LED3
LED4
LED5
LED6
LED7
LED8
LED9
LED10
LED11
LED12
LED13
LED14
LED15
RESET
SCL
SDA
VDD
5V
SDA
SCL
PORTx.D
Cell Phone Baseband
Controller/PController
A2
A1
A0
GND
SMBUS/I
2
C
Figure 7-1. LP3943 Typical Application
2.1 Design Requirements
For typical RGB LED light-driver applications, use the parameters listed in Table 7-1.
Table 7-1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Minimum input voltage
2.3 V
Typical output voltage
5 V
Output current
20 mA
LP3943
SNVS256E – NOVEMBER 2003 – REVISED OCTOBER 2024
www.ti.com
16
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LP3943



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com