Electronic Components Datasheet Search
  English  ▼

X  

LP3943 Datasheet(PDF) 18 Page - Texas Instruments

Part # LP3943
Description  LP3943 16-Channel RGB, White-LED Driver with Independent SMBUS/I2C String Control
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3943 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LP3943 Datasheet HTML 14Page - Texas Instruments LP3943 Datasheet HTML 15Page - Texas Instruments LP3943 Datasheet HTML 16Page - Texas Instruments LP3943 Datasheet HTML 17Page - Texas Instruments LP3943 Datasheet HTML 18Page - Texas Instruments LP3943 Datasheet HTML 19Page - Texas Instruments LP3943 Datasheet HTML 20Page - Texas Instruments LP3943 Datasheet HTML 21Page - Texas Instruments LP3943 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
3 System Examples
VDD
LED 15
LED 0
LP3943
LM2750-5.0
VIN
VOUT
CAP+
CAP-
CFLY
1 PF
2.2 PF
2.7V to 5.5V
2.2 PF
Figure 7-4. LP3943 With 5V Booster
VDD
LED 15
LP3943
R
5V
LED 14
LED 13
LED 12
LED 11
LED 10
LED 9
LED 8
LED 7
LED 6
LED 5
LED 4
LED 3
LED 2
LED 1
LED 0
G
B
5V
Figure 7-5. LP3943 Driving RGB LED as a Flash
4 Power Supply Recommendations
The LP3943 is designed to be powered from a 2.3V minimum to a 5.5V maximum supply input.
5 Layout
5.1 Layout Guidelines
The LP3943 layout is not critical, but TI recommends providing a noise-free supply input at VDD. This typically
would require a 1µF capacitor placed close to the VDD pin and ground.
LP3943
SNVS256E – NOVEMBER 2003 – REVISED OCTOBER 2024
www.ti.com
18
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LP3943



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com