Electronic Components Datasheet Search
  English  ▼

X  

LP3943 Datasheet(PDF) 20 Page - Texas Instruments

Part # LP3943
Description  LP3943 16-Channel RGB, White-LED Driver with Independent SMBUS/I2C String Control
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3943 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LP3943 Datasheet HTML 16Page - Texas Instruments LP3943 Datasheet HTML 17Page - Texas Instruments LP3943 Datasheet HTML 18Page - Texas Instruments LP3943 Datasheet HTML 19Page - Texas Instruments LP3943 Datasheet HTML 20Page - Texas Instruments LP3943 Datasheet HTML 21Page - Texas Instruments LP3943 Datasheet HTML 22Page - Texas Instruments LP3943 Datasheet HTML 23Page - Texas Instruments LP3943 Datasheet HTML 24Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
7 Device and Documentation Support
7.1 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. In the upper
right corner, click on Alert me to register and receive a weekly digest of any product information that has
changed. For change details, review the revision history included in any revised document.
7.2 Community Resources
7.3 Trademarks
All trademarks are the property of their respective owners.
8 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (October 2016) to Revision E (October 2024)
Page
• Added SCL/SDA to VDD capable current parameter to the Electrical Characteristics table..............................4
Changes from Revision C (October 2015) to Revision D (October 2016)
Page
• Changed change wording of title to add SEO keywords ................................................................................... 1
• Changed RθJA value from "37°C/W" to "45.0°C/W"; add additional thermal values........................................... 4
Changes from Revision B (September 2013) to Revision C (October 2015)
Page
• Added Device Information and Pin Configuration and Functions sections, ESD Ratings table, Feature
Description, Device Functional Modes, Application and Implementation, Power Supply Recommendations,
Layout, Device and Documentation Support, and Mechanical, Packaging, and Orderable Information
sections. ............................................................................................................................................................ 1
Changes from Revision A (April 2013) to Revision B (September 2013)
Page
• Changed layout of National Data Sheet to TI format; fixed format of Block Diagram........................................ 8
Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
LP3943
SNVS256E – NOVEMBER 2003 – REVISED OCTOBER 2024
www.ti.com
20
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LP3943



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com