Electronic Components Datasheet Search
  English  ▼

X  

LP3943 Datasheet(PDF) 9 Page - Texas Instruments

Part # LP3943
Description  LP3943 16-Channel RGB, White-LED Driver with Independent SMBUS/I2C String Control
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3943 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP3943 Datasheet HTML 5Page - Texas Instruments LP3943 Datasheet HTML 6Page - Texas Instruments LP3943 Datasheet HTML 7Page - Texas Instruments LP3943 Datasheet HTML 8Page - Texas Instruments LP3943 Datasheet HTML 9Page - Texas Instruments LP3943 Datasheet HTML 10Page - Texas Instruments LP3943 Datasheet HTML 11Page - Texas Instruments LP3943 Datasheet HTML 12Page - Texas Instruments LP3943 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
6.3 Feature Description
Some of the features of the LP3943 device are:
1. 16 low-side switches to control the current in 16 strings of LEDs with a maximum of 25mA per switch or a
maximum of 200mA total.
2. Programmable internal PWM dimming:
a. Duty cycle control (8 bits). Any of the 16 current switches can be mapped to either PWM0 register or
PWM1 register. Each register offers 8-bit PWM duty cycle control.
b. PWM Frequency control (8 bits). Any of the 16 current switches can be mapped to either PSC0 register
or PSC1 register. Each register offers 8-bit PWM frequency control from 0.625Hz to 160Hz.
3. RESET input.
4. Auto increment for I2C writes to reduce number of I2C clock pulses .
5. The LP3943 provides for an externally selectable I2C slave address via the ADR0, ADR1, and ADR2 inputs.
See Figure 6-3.
6.4 Device Functional Modes
1. Output set to high impedance. This is set by programming bits [B0 and B1] to 00 in the LS0, LS1, LS2, or
LS3 registers (see Table 2)
2. Output set to ON state (current switch pulls low). This turns the LED on at the full current in the specified
current switch bits [B0 and B1] set to 01 in the LS0, LS1, LS2, or LS3 registers (see Table 6-12).
3. Output set to toggle at the programmed PWM duty cycle and PWM frequency. This turns on or off the
specified current switch at the programmed PWM frequency and duty cycle. Each current switch is mapped
to either of the PWM0/PSC0 or PWM1/PSC1 pairs by setting [B0 and B1] to 10 or 11 in the LS0, LS1, LS2,
or LS3 registers (see Table 6-12).
www.ti.com
LP3943
SNVS256E – NOVEMBER 2003 – REVISED OCTOBER 2024
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: LP3943



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com