Electronic Components Datasheet Search
  English  ▼

X  

LPC2919 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # LPC2919
Description  ARM9 microcontroller with CAN and LIN
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2919 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button LPC2919 Datasheet HTML 2Page - NXP Semiconductors LPC2919 Datasheet HTML 3Page - NXP Semiconductors LPC2919 Datasheet HTML 4Page - NXP Semiconductors LPC2919 Datasheet HTML 5Page - NXP Semiconductors LPC2919 Datasheet HTML 6Page - NXP Semiconductors LPC2919 Datasheet HTML 7Page - NXP Semiconductors LPC2919 Datasheet HTML 8Page - NXP Semiconductors LPC2919 Datasheet HTML 9Page - NXP Semiconductors LPC2919 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
LPC2917_19_1
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 1.01 — 15 November 2007
6 of 68
NXP Semiconductors
LPC2917/19
ARM9 microcontroller with CAN and LIN
6.
Pinning information
6.1 Pinning
6.2 Pin description
6.2.1 General description
The LPC2917/19 has up to four ports: two of 32 pins each, one of 28 pins and one of 16
pins. The pin to which each function is assigned is controlled by the SFSP registers in the
SCU. The functions combined on each port pin are shown in the pin description tables in
this section.
6.2.2 LQFP144 pin assignment
Fig 2.
Pin configuration for SOT486-1 (LQFP144)
LPC2917FBD144
LPC2919FBD144
108
73
1
36
144PINS
Table 3.
LQFP144 pin assignment
Symbol
Pin
Description
Function 0 (default)
Function 1
Function 2
Function 3
TDO
1
IEEE 1149.1 test data out
P2.21
2
GPIO 2, pin 21
-
PWM2 CAP1
EXTBUS D19
P0.24
3
GPIO 0, pin 24
UART1 TxD
CAN1 TxD
SPI2 SCS0
P0.25
4
GPIO 0, pin 25
UART1 RxD
CAN1 RxD
SPI2 SDO
P0.26
5
GPIO 0, pin 26
-
-
SPI2 SDI
P0.27
6
GPIO 0, pin 27
-
-
SPI2 SCK
P0.28
7
GPIO 0, pin 28
-
TIMER0 CAP0
TIMER0 MAT0
P0.29
8
GPIO 0, pin 29
-
TIMER0 CAP1
TIMER0 MAT1
VDD(IO)
9
3.3 V power supply for I/O
P2.22
10
GPIO 2, pin 22
-
PWM2 CAP2
EXTBUS D20
P2.23
11
GPIO 2, pin 23
-
PWM3 CAP0
EXTBUS D21
P3.6
12
GPIO 3, pin 6
SPI0 SCS3
PWM1 MAT0
LIN1 TxD
P3.7
13
GPIO 3, pin 7
SPI2 SCS1
PWM1 MAT1
LIN1 RxD
P0.30
14
GPIO 0, pin 30
-
TIMER0 CAP2
TIMER0 MAT2
P0.31
15
GPIO 0, pin 31
-
TIMER0 CAP3
TIMER0 MAT3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com