Electronic Components Datasheet Search
  English  ▼

X  

LPC2919 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # LPC2919
Description  ARM9 microcontroller with CAN and LIN
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2919 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button LPC2919 Datasheet HTML 19Page - NXP Semiconductors LPC2919 Datasheet HTML 20Page - NXP Semiconductors LPC2919 Datasheet HTML 21Page - NXP Semiconductors LPC2919 Datasheet HTML 22Page - NXP Semiconductors LPC2919 Datasheet HTML 23Page - NXP Semiconductors LPC2919 Datasheet HTML 24Page - NXP Semiconductors LPC2919 Datasheet HTML 25Page - NXP Semiconductors LPC2919 Datasheet HTML 26Page - NXP Semiconductors LPC2919 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 68 page
background image
LPC2917_19_1
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 1.01 — 15 November 2007
23 of 68
NXP Semiconductors
LPC2917/19
ARM9 microcontroller with CAN and LIN
• Event detection is fully asynchronous, so no clock is required
8.3.4.2
Description
The event router allows the event source to be defined, its polarity and activation type to
be selected and the interrupt to be masked or enabled. The event router can be used to
start a clock on an external event.
The vectored interrupt-controller inputs are active HIGH.
8.3.4.3
Event-router pin description and mapping to register bit positions
The event router module in the LPC2917/19 is connected to the pins listed below. The
pins are combined with other functions on the port pins of the LPC2917/19. Table 13
shows the pins connected to the event router, and also the corresponding bit position in
the event-router registers and the default polarity.
8.4 Peripheral subsystem
8.4.1 Peripheral subsystem clock description
The peripheral subsystem is clocked by a number of different clocks:
• CLK_SYS_PESS
• CLK_UART0/1
• CLK_SPI0/1/2
• CLK_TMR0/1/2/3
Table 13.
Event-router pin connections
Symbol
Direction
Bit position
Description
Default
polarity
EXTINT0
in
0
external interrupt input 0
1
EXTINT1
in
1
external interrupt input 1
1
EXTINT2
in
2
external interrupt input 2
1
EXTINT3
in
3
external interrupt input 3
1
EXTINT4
in
4
external interrupt input 4
1
EXTINT5
in
5
external interrupt input 5
1
EXTINT6
in
6
external interrupt input 6
1
EXTINT7
in
7
external interrupt input 7
1
CAN0 RXD
in
8
CAN0 receive data input wake-up
0
CAN1 RXD
in
9
CAN1 receive data input wake-up
0
-
-
13 - 10
reserved
-
LIN0 RXD
in
14
LIN0 receive data input wake-up
0
LIN1 RXD
in
15
LIN1 receive data input wake-up
0
-
-
21 - 16
reserved
-
-
na
22
CAN interrupt (internal)
1
-
na
23
VIC FIQ (internal)
1
-
na
24
VIC IRQ (internal)
1
-
-
26 - 25
reserved
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com