Electronic Components Datasheet Search
  English  ▼

X  

LPC2919 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # LPC2919
Description  ARM9 microcontroller with CAN and LIN
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2919 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button LPC2919 Datasheet HTML 14Page - NXP Semiconductors LPC2919 Datasheet HTML 15Page - NXP Semiconductors LPC2919 Datasheet HTML 16Page - NXP Semiconductors LPC2919 Datasheet HTML 17Page - NXP Semiconductors LPC2919 Datasheet HTML 18Page - NXP Semiconductors LPC2919 Datasheet HTML 19Page - NXP Semiconductors LPC2919 Datasheet HTML 20Page - NXP Semiconductors LPC2919 Datasheet HTML 21Page - NXP Semiconductors LPC2919 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 68 page
background image
LPC2917_19_1
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 1.01 — 15 November 2007
18 of 68
NXP Semiconductors
LPC2917/19
ARM9 microcontroller with CAN and LIN
Remark: If the programmed number of wait-states is more than three, flash-data reading
cannot be performed at full speed (i.e. with zero wait-states at the AHB bus) if speculative
reading is active.
8.2 External static memory controller
8.2.1 Overview
The LPC2917/19 contains an external Static Memory Controller (SMC) which provides an
interface for external (off-chip) memory devices.
Key features are:
• Supports static memory-mapped devices including RAM, ROM, flash, burst ROM and
external I/O devices
• Asynchronous page-mode read operation in non-clocked memory subsystems
• Asynchronous burst-mode read access to burst-mode ROM devices
• Independent configuration for up to eight banks, each up to 16 MB
• Programmable bus-turnaround (idle) cycles (one to 16)
• Programmable read and write wait states (up to 32), for static RAM devices
• Programmable initial and subsequent burst-read wait state for burst-ROM devices
• Programmable write protection
• Programmable burst-mode operation
• Programmable external data width: 8-bit, 16-bit or 32-bit
• Programmable read-byte lane enable control
8.2.2 Description
The SMC simultaneously supports up to eight independently configurable memory banks.
Each memory bank can be 8, 16 or 32 bits wide and is capable of supporting SRAM,
ROM, burst-ROM memory or external I/O devices.
A separate chip-select output is available for each bank. The chip-select lines are
configurable to be active HIGH or LOW. Memory-bank selection is controlled by memory
addressing. Table 10 shows how the 32-bit system address is mapped to the external bus
memory base addresses, chip selects and bank internal addresses.
Table 10.
External memory-bank address bit description
32 bit
System
Address Bit
field
Symbol
Description
31 to 29
BA[2:0]
external static-memory base address (three most significant bits);
the base address can be found in the memory map; see Ref. 1. This
field contains ’010’ when addressing an external memory bank.
28 to 26
CS[2:0]
chip-select address space for eight memory banks; see [1]
25 and 24
-
always ’00’; other values are ’mirrors’ of the 16 MByte bank address
23 to 0
A[23:0]
16-MByte memory banks address space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com