Electronic Components Datasheet Search
  English  ▼

X  

LPC2919 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # LPC2919
Description  ARM9 microcontroller with CAN and LIN
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2919 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button LPC2919 Datasheet HTML 12Page - NXP Semiconductors LPC2919 Datasheet HTML 13Page - NXP Semiconductors LPC2919 Datasheet HTML 14Page - NXP Semiconductors LPC2919 Datasheet HTML 15Page - NXP Semiconductors LPC2919 Datasheet HTML 16Page - NXP Semiconductors LPC2919 Datasheet HTML 17Page - NXP Semiconductors LPC2919 Datasheet HTML 18Page - NXP Semiconductors LPC2919 Datasheet HTML 19Page - NXP Semiconductors LPC2919 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 68 page
background image
LPC2917_19_1
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 1.01 — 15 November 2007
16 of 68
NXP Semiconductors
LPC2917/19
ARM9 microcontroller with CAN and LIN
Both buffer lines are invalidated after:
• Initialization
• Configuration-register access
• Data-latch reading
• Index-sector reading
The modes of operation are listed in Table 8.
8.1.3 Flash memory controller pin description
The flash memory controller has no external pins. However, the flash can be programmed
via the JTAG pins, see Section 7.1.3.
8.1.4 Flash memory controller clock description
The flash memory controller is clocked by CLK_SYS_FMC, see Section 7.2.2.
8.1.5 Flash layout
The ARM processor can program the flash for ISP (In-System Programming) and IAP (In-
Application Programming). Note that the flash always has to be programmed by ‘flash
words’ of 128 bits (four 32-bit AHB bus words, hence 16 bytes).
The flash memory is organized into eight ‘small’ sectors of 8 kB each and up to 11 ‘large’
sectors of 64 kB each. The number of large sectors depends on the device type. A sector
must be erased before data can be written to it. The flash memory also has sector-wise
protection. Writing occurs per page which consists of 4096 bits (32 flash words). A small
sector contains 16 pages; a large sector contains 128 pages.
Table 9 gives an overview of the flash-sector base addresses.
Table 8.
Flash read modes
Synchronous timing
No buffer line
for single (non-linear) reads; one flash-word read per word read
Single buffer line
default mode of operation; most recently read flash word is kept until
another flash word is required
Asynchronous timing
No buffer line
one flash-word read per word read
Single buffer line
most recently read flash word is kept until another flash word is
required
Dual buffer line, single
speculative
on a buffer miss a flash read is done, followed by at most one
speculative read; optimized for execution of code with small loops
(less than eight words) from flash
Dual buffer line, always
speculative
most recently used flash word is copied into second buffer line; next
flash-word read is started; highest performance for linear reads
Table 9.
Flash sector overview
Sector number
Sector size (kB)
Sector base address
0
8
0000 0000h
1
8
0000 2000h
2
8
0000 4000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com