Electronic Components Datasheet Search
  English  ▼

X  

LPC2919 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # LPC2919
Description  ARM9 microcontroller with CAN and LIN
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2919 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button LPC2919 Datasheet HTML 3Page - NXP Semiconductors LPC2919 Datasheet HTML 4Page - NXP Semiconductors LPC2919 Datasheet HTML 5Page - NXP Semiconductors LPC2919 Datasheet HTML 6Page - NXP Semiconductors LPC2919 Datasheet HTML 7Page - NXP Semiconductors LPC2919 Datasheet HTML 8Page - NXP Semiconductors LPC2919 Datasheet HTML 9Page - NXP Semiconductors LPC2919 Datasheet HTML 10Page - NXP Semiconductors LPC2919 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
LPC2917_19_1
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 1.01 — 15 November 2007
7 of 68
NXP Semiconductors
LPC2917/19
ARM9 microcontroller with CAN and LIN
P2.24
16
GPIO 2, pin 24
-
PWM3 CAP1
EXTBUS D22
P2.25
17
GPIO 2, pin 25
-
PWM3 CAP2
EXTBUS D23
VDD(CORE)
18
1.8 V power supply for digital core
VSS(CORE)
19
ground for digital core
P1.31
20
GPIO 1, pin 31
TIMER0 CAP1
TIMER0 MAT1
EXTINT5
VSS(IO)
21
ground for I/O
P1.30
22
GPIO 1, pin 30
TIMER0 CAP0
TIMER0 MAT0
EXTINT4
P3.8
23
GPIO 3, pin 8
SPI2 SCS0
PWM1 MAT2
-
P3.9
24
GPIO 3, pin 9
SPI2 SDO
PWM1 MAT3
-
P1.29
25
GPIO 1, pin 29
TIMER1 CAP0, EXT
START
PWM TRAP0
PWM3 MAT5
P1.28
26
GPIO 1, pin 28
TIMER1 CAP1, ADC1
EXT START
PWM TRAP1
PWM3 MAT4
P2.26
27
GPIO 2, pin 26
TIMER0 CAP2
TIMER0 MAT2
EXTINT6
P2.27
28
GPIO 2, pin 27
TIMER0 CAP3
TIMER0 MAT3
EXTINT7
P1.27
29
GPIO 1, pin 27
TIMER1 CAP2, ADC2
EXT START
PWM TRAP2
PWM3 MAT3
P1.26
30
GPIO 1, pin 26
PWM2 MAT0
PWM TRAP3
PWM3 MAT2
VDD(IO)
31
3.3 V power supply for I/O
P1.25
32
GPIO 1, pin 25
PWM1 MAT0
-
PWM3 MAT1
P1.24
33
GPIO 1, pin 24
PWM0 MAT0
-
PWM3 MAT0
P1.23
34
GPIO 1, pin 23
UART0 RxD
-
EXTBUS CS5
P1.22
35
GPIO 1, pin 22
UART0 TxD
-
EXTBUS CS4
TMS
36
IEEE 1149.1 test mode select, pulled up internally.
TCK
37
IEEE 1149.1 test clock
P1.21
38
GPIO 1, pin 21
TIMER3 CAP3
TIMER1 CAP3,
MSCSS PAUSE
EXTBUS D7
P1.20
39
GPIO 1, pin 20
TIMER3 CAP2
SPI0 SCS1
EXTBUS D6
P1.19
40
GPIO 1, pin 19
TIMER3 CAP1
SPI0 SCS2
EXTBUS D5
P1.18
41
GPIO 1, pin 18
TIMER3 CAP0
SPI0 SDO
EXTBUS D4
P1.17
42
GPIO 1, pin 17
TIMER2 CAP3
SPI0 SDI
EXTBUS D3
VSS(IO)
43
ground for I/O
P1.16
44
GPIO 1, pin 16
TIMER2 CAP2
SPI0 SCK
EXTBUS D2
P2.0
45
GPIO 2, pin 0
TIMER2 MAT0
PWM TRAP3
EXTBUS D8
P2.1
46
GPIO 2, pin 1
TIMER2 MAT1
PWM TRAP2
EXTBUS D9
P3.10
47
GPIO 3, pin 10
SPI2 SDI
PWM1 MAT4
-
P3.11
48
GPIO 3, pin 11
SPI2 SCK
PWM1 MAT5
-
P1.15
49
GPIO 1, pin 15
TIMER2 CAP1
SPI0 SCS0
EXTBUS D1
P1.14
50
GPIO 1, pin 14
TIMER2 CAP0
SPI0 SCS3
EXTBUS D0
P1.13
51
GPIO 1, pin 13
EXTINT3
-
EXTBUS WEN
P1.12
52
GPIO 1, pin 12
EXTINT2
-
EXTBUS OEN
Table 3.
LQFP144 pin assignment …continued
Symbol
Pin
Description
Function 0 (default)
Function 1
Function 2
Function 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com