Electronic Components Datasheet Search
  English  ▼

X  

LPC2919 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # LPC2919
Description  ARM9 microcontroller with CAN and LIN
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2919 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button LPC2919 Datasheet HTML 24Page - NXP Semiconductors LPC2919 Datasheet HTML 25Page - NXP Semiconductors LPC2919 Datasheet HTML 26Page - NXP Semiconductors LPC2919 Datasheet HTML 27Page - NXP Semiconductors LPC2919 Datasheet HTML 28Page - NXP Semiconductors LPC2919 Datasheet HTML 29Page - NXP Semiconductors LPC2919 Datasheet HTML 30Page - NXP Semiconductors LPC2919 Datasheet HTML 31Page - NXP Semiconductors LPC2919 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
LPC2917_19_1
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 1.01 — 15 November 2007
28 of 68
NXP Semiconductors
LPC2917/19
ARM9 microcontroller with CAN and LIN
Depending on the operating mode selected, the SPI_CS_OUT outputs operate as an
active-HIGH frame synchronization output for Texas Instruments synchronous serial
frame format or an active-LOW chip select for SPI.
Each data frame is between four and 16 bits long, depending on the size of words
programmed, and is transmitted starting with the MSB.
There are two basic frame types that can be selected:
• Texas Instruments synchronous serial
• Motorola Serial Peripheral Interface
8.4.5.3
Modes of operation
The SPI module can operate in:
• Master mode:
– Normal transmission mode
– Sequential slave mode
• Slave mode
8.4.5.4
SPI pin description
The three SPI modules in the LPC2917/19 have the pins listed below. The pins are
combined with other functions on the port pins of the LPC2917/19, see Section 8.3.3.
Table 16 shows the SPI pins (x runs from 0 to 2; y runs from 0 to 3).
[1]
Direction of SPIx SCS and SPIx SCK pins depends on master or slave mode. These pins are output in
master mode, input in slave mode.
[2]
In slave mode there is only one chip-select input pin, SPIx SCS0. The other chip selects have no function in
slave mode.
8.4.5.5
SPI clock description
The SPI modules are clocked by two different clocks; CLK_SYS_PESS and CLK_SPIx (x
= 0-2), see Section 7.2.2. Note that each SPI has its own CLK_SPIx branch clock for
power management. The frequency of all clocks CLK_SPIx is identical as they are derived
from the same base clock BASE_CLK_SPI. The register interface towards the system bus
is clocked by CLK_SYS_PESS. The serial-clock rate divisor is clocked by CLK_SPIx.
The SPI clock frequency can be controlled by the CGU. In master mode the SPI clock
frequency (CLK_SPIx) must be set to at least twice the SPI serial clock rate on the
interface. In slave mode CLK_SPIx must be set to four times the SPI serial clock rate on
the interface.
Table 16.
SPI pins
Symbol
Direction
Description
SPIx SCSy
in/out
SPIx chip select[1][2]
SPIx SCK
in/out
SPIx clock[1]
SPIx SDI
in
SPIx data input
SPIx SDO
out
SPIx data output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com