Electronic Components Datasheet Search
  English  ▼

X  

OPA690 Datasheet(PDF) 19 Page - Texas Instruments

Part # OPA690
Description  Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA690 Datasheet(HTML) 19 Page - Texas Instruments

Back Button OPA690 Datasheet HTML 15Page - Texas Instruments OPA690 Datasheet HTML 16Page - Texas Instruments OPA690 Datasheet HTML 17Page - Texas Instruments OPA690 Datasheet HTML 18Page - Texas Instruments OPA690 Datasheet HTML 19Page - Texas Instruments OPA690 Datasheet HTML 20Page - Texas Instruments OPA690 Datasheet HTML 21Page - Texas Instruments OPA690 Datasheet HTML 22Page - Texas Instruments OPA690 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
OPA2613
SBOS249H − JUNE 2003 − REVISED AUGUST 2008
www.ti.com
19
With the previous information available, it is now possible
to select a supply voltage and the turns ratio desired for the
transformer as well as calculate the headroom for the
OPA2613.
The model (shown in Figure 8) can be described with the
following set of equations:
1.
First, as available output swing:
V
PP
+ V
CC * (V1 ) V2) * I P
(R
1
) R
2)
2.
Or as required supply voltage:
V
CC + VPP ) (V1 ) V2) ) I P
(R
1
) R
2)
The minimum supply voltage for a power and load
requirement is given by Equation 11.
V
O
R
1
V
1
+V
CC
R
2
V
2
I
P
Figure 8. Line Driver Headroom Model
V1, V2, R1, and R2 are given in Table 1 for both +12V and
+5V operation.
Table 1. Line Driver Headroom Model Values
V1
R1
V2
R2
+5V
1.0V
2
Ω
1.0V
5.5
Ω
+12V
1.0V
2
Ω
1.0V
5.5
Ω
TOTAL DRIVER POWER FOR xDSL
APPLICATIONS
The total internal power dissipation for the OPA2613 in an
xDSL line driver application will be the sum of the
quiescent power and the output stage power. The
OPA2613 holds a relatively constant quiescent current
versus supply voltage—giving a power contribution that is
simply the quiescent current times the supply voltage used
(the supply voltage will be greater than the solution given
in Equation 12). The total output stage power may be
computed with reference to Figure 9.
R
T
+V
CC
I
AVG =
I
P
C
F
Figure 9. Output Stage Power Model
The two output stages used to drive the load of Figure 7
can be seen as an H-Bridge in Figure 9. The average
current drawn from the supply into this H-Bridge and load
will be the peak current in the load given by Equation 10
divided by the crest factor (CF) for the xDSL modulation.
This total power from the supply is then reduced by the
power in RT to leave the power dissipated internal to the
drivers in the four output stage transistors. That power is
simply the target line power used in Equation 5 plus the
power lost in the matching elements (RM). In the examples
here, a perfect match is targeted giving the same power in
the matching elements as in the load. The output stage
power is then set by Equation 13.
P
OUT +
I
P
CF
V
CC * 2PL
The total amplifier power is then:
P
TOT + Iq
V
CC )
I
P
CF
V
CC * 2PL
For the ADSL CPE upstream driver design of Figure 6, the
peak current is 150mA for a signal that requires a crest
factor of 5.33 with a target line power of 13dBm into 100
Ω
(20mW). With a typical quiescent current of 12mA and a
nominal supply voltage of +12V, the total internal power
dissipation for the solution of Figure 6 will be:
P
TOT + 12mA(12V) )
150mA
5.33
(12V)
* 2(20mW) + 400mW
(11)
(12)
(13)
(14)
(15)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com