Electronic Components Datasheet Search
  English  ▼

X  

OPA690 Datasheet(PDF) 9 Page - Texas Instruments

Part # OPA690
Description  Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA690 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA690 Datasheet HTML 5Page - Texas Instruments OPA690 Datasheet HTML 6Page - Texas Instruments OPA690 Datasheet HTML 7Page - Texas Instruments OPA690 Datasheet HTML 8Page - Texas Instruments OPA690 Datasheet HTML 9Page - Texas Instruments OPA690 Datasheet HTML 10Page - Texas Instruments OPA690 Datasheet HTML 11Page - Texas Instruments OPA690 Datasheet HTML 12Page - Texas Instruments OPA690 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
OPA2613
SBOS249H − JUNE 2003 − REVISED AUGUST 2008
www.ti.com
9
TYPICAL CHARACTERISTICS: VS = ±6V (continued)
At TA = +25°C, G = +2, RF = 402Ω, and RL = 100Ω, unless otherwise noted.
MAXIMUM OUTPUT SWING
vs LOAD RESISTANCE
10
6
5
4
3
2
1
0
−1
−2
−3
−4
−5
−6
100
1000
See Figure 1
Load Resistance (
Ω)
OUTPUT VOLTAGE AND CURRENT LIMITATIONS
I
O (mA)
−400
6
5
4
3
2
1
0
−1
−2
−3
−4
−5
−6
0100
200
300
−200 −100
−300
400
1W Internal Power
Single Channel
R
L =25Ω
R
L =50Ω
R
L =100Ω
INPUT VOLTAGE AND CURRENT NOISE DENSITY
Frequency (Hz)
102
10
1
105
106
103
104
107
Voltage Noise 1.8nV/
√Hz
Current Noise 1.7pA/
√Hz
CHANNEL−TO−CHANNEL CROSSTALK
Frequency (MHz)
110
100
−30
−40
−50
−60
−70
−80
−90
Input Referred
RECOMMENDED R
S vs CAPACITIVE LOAD
Capacitive Load (pF)
1
10
100
1000
30
20
10
0
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Frequency (MHz)
1
3
0
−3
−6
−9
−12
−15
−18
10
100
500
C
L = 22pF
C
L = 10pF
C
L = 100pF
C
L = 47pF
1/2
OPA2613
402
Ω
R
S
402
Ω
1k
Ω
C
L
1k
Ω is optional.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com