Electronic Components Datasheet Search
  English  ▼

X  

OPA690 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA690
Description  Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA690 Datasheet(HTML) 1 Page - Texas Instruments

  OPA690 Datasheet HTML 1Page - Texas Instruments OPA690 Datasheet HTML 2Page - Texas Instruments OPA690 Datasheet HTML 3Page - Texas Instruments OPA690 Datasheet HTML 4Page - Texas Instruments OPA690 Datasheet HTML 5Page - Texas Instruments OPA690 Datasheet HTML 6Page - Texas Instruments OPA690 Datasheet HTML 7Page - Texas Instruments OPA690 Datasheet HTML 8Page - Texas Instruments OPA690 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
FEATURES
D LOW INPUT NOISE VOLTAGE: 1.8nV/√Hz
D HIGH UNITY-GAIN BANDWIDTH: 230MHz
D HIGH GAIN BANDWIDTH PRODUCT: 125MHz
D HIGH OUTPUT CURRENT: 350mA
D LOW INPUT OFFSET VOLTAGE: ±0.2mV
D FLEXIBLE SUPPLY RANGE:
Single +5V to +12V Operation
Dual
±2.5V to ±6V Operation
D LOW SUPPLY CURRENT: 6.0mA/ch
DESCRIPTION
The OPA2613 offers very low 1.8nV
√Hz input noise in a
wideband,
unity-gain
stable,
voltage-feedback
architecture. Intended for xDSL driver applications, the
OPA2613 also supports this low input noise with
exceptionally low harmonic distortion, particularly in
differential configurations. Adequate output current is
provided to drive the potentially heavy load of a
twisted-pair line. Harmonic distortion for a 2VPP differential
output operating from +5V to +12V supplies is
≤ −95dBc
through 1MHz input frequencies. Operating on a low
6.0mA/ch supply current, the OPA2613 can satisfy most
xDSL driver requirements over a wide range of possible
supply voltage
from a single +5V condition, to ±5V, on up
to a single +12V design.
General-purpose applications on a single +5V supply will
benefit from the high input and output voltage swing
available on this reduced supply voltage. Low-cost
precision integrators for PLLs will also benefit from the low
voltage noise and offset voltage. Baseband I/Q receiver
channels can achieve almost perfect channel match with
noise and distortion to support signals through 5MHz with
> 14-bit dynamic range.
APPLICATIONS
D xDSL DIFFERENTIAL LINE DRIVERS
D 16-BIT ADC DRIVER
D LOW NOISE PLL INTEGRATORS
D TRANSIMPEDANCE AMPLIFIERS
D PRECISION BASEBAND I/Q AMPLIFIERS
D ACTIVE FILTERS
D TS613 IMPROVED REPLACEMENT
OPA2613 RELATED PRODUCTS
FEATURES
SINGLES
DUALS
TRIPLES
High Gain Stable
OPA2614
High Slew Rate VFB
OPA690
OPA2690
OPA3690
R/R Input/Output VFB
OPA353
OPA2353
Current-Feedback
OPA691
OPA2691
OPA3691
Current-Feedback
OPA2677
xDSL D river
OPA2613
x DSL Receiver
500
Ω
500
Ω
500
Ω
R
O
OP A2822
OP A2822
1k
Ω
500
Ω
n:1
1k
Ω
R
O
OPA2613
SBOS249H − JUNE 2003 − REVISED AUGUST 2008
Dual, Wideband, High Output Current,
Operational Amplifier with Current Limit
www.ti.com
Copyright
 2003−2008, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.


Similar Part No. - OPA690

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA690 TI-OPA690 Datasheet
410Kb / 22P
Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA690 TI-OPA690 Datasheet
376Kb / 27P
Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
OPA690 TI-OPA690 Datasheet
410Kb / 23P
Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA690 BURR-BROWN-OPA690 Datasheet
460Kb / 31P
Low-Power, Single-Supply, Wideband Operational Amplifier
OPA690 BURR-BROWN-OPA690 Datasheet
438Kb / 25P
Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
More results

Similar Description - OPA690

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2677 BURR-BROWN-OPA2677 Datasheet
138Kb / 12P
Dual, Wideband, High Output Current OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2613 TI-OPA2613 Datasheet
376Kb / 27P
Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
logo
Burr-Brown (TI)
OPA2674 BURR-BROWN-OPA2674 Datasheet
472Kb / 10P
Dual Wideband, High Output Current Operational Amplifier with Current Limit
logo
Texas Instruments
OPA2674 TI-OPA2674 Datasheet
617Kb / 33P
Dual Wideband, High Output Current Operational Amplifier with Current Limit
OPA2614ID TI-OPA2614ID Datasheet
727Kb / 34P
Dual, High Gain Bandwidth, High Output Current Operational Amplifier with Current Limit
OPA2677IDDA TI1-OPA2677IDDA Datasheet
1Mb / 38P
Dual, Wideband, High Output Current Operational Amplifier
OPA2613 TI1-OPA2613_14 Datasheet
742Kb / 34P
Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
OPA2677 TI1-OPA2677 Datasheet
1Mb / 38P
Dual, Wideband, High Output Current Operational Amplifier
OPA2674 TI1-OPA2674_17 Datasheet
1Mb / 36P
Dual Wideband, High Output Current Operational Amplifier with Current Limit
logo
STMicroelectronics
TS617 STMICROELECTRONICS-TS617 Datasheet
339Kb / 19P
Dual wideband high output current operational amplifier
November 2008 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com