Electronic Components Datasheet Search
  English  ▼

X  

OPA690 Datasheet(PDF) 11 Page - Texas Instruments

Part # OPA690
Description  Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA690 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA690 Datasheet HTML 7Page - Texas Instruments OPA690 Datasheet HTML 8Page - Texas Instruments OPA690 Datasheet HTML 9Page - Texas Instruments OPA690 Datasheet HTML 10Page - Texas Instruments OPA690 Datasheet HTML 11Page - Texas Instruments OPA690 Datasheet HTML 12Page - Texas Instruments OPA690 Datasheet HTML 13Page - Texas Instruments OPA690 Datasheet HTML 14Page - Texas Instruments OPA690 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
OPA2613
SBOS249H − JUNE 2003 − REVISED AUGUST 2008
www.ti.com
11
TYPICAL CHARACTERISTICS: VS = ±6V (continued)
At TA = +25°C, G = +2, RF = 402Ω, and RL = 100Ω, unless otherwise noted.
TYPICAL DC DRIFT OVER TEMPERATURE
Ambient Temperature (
_C)
−50
1
0.5
0
−0.5
−1
−25
0
25
50
75
100
125
10
5
0
−5
−10
Input Offset Voltage (V
IO)
(10 Times Input Offset Current) 10 x I
OS
Inverting Bias Current (I
B)
SUPPLY AND OUTPUT CURRENT vs TEMPERATURE
Ambient Temperature (
_C)
−50
300
290
280
270
260
250
−25
0
25
50
75
100
125
12.3
12.2
12.1
12.0
11.9
11.8
Sourcing and Sinking Current
Left Scale
Supply Current
Right Scale
COMMON−MODE INPUT RANGE AND OUTPUT SWING
vs SUPPLY VOLTAGE
Supply Voltage (
±V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6
5
4
3
2
1
0
6
−Output Voltage
−VInput Voltage
+Output Voltage
+V Input Voltage
R
L =100Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com