Electronic Components Datasheet Search
  English  ▼

X  

OPA690 Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA690
Description  Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA690 Datasheet(HTML) 4 Page - Texas Instruments

  OPA690 Datasheet HTML 1Page - Texas Instruments OPA690 Datasheet HTML 2Page - Texas Instruments OPA690 Datasheet HTML 3Page - Texas Instruments OPA690 Datasheet HTML 4Page - Texas Instruments OPA690 Datasheet HTML 5Page - Texas Instruments OPA690 Datasheet HTML 6Page - Texas Instruments OPA690 Datasheet HTML 7Page - Texas Instruments OPA690 Datasheet HTML 8Page - Texas Instruments OPA690 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
OPA2613
SBOS249H − JUNE 2003 − REVISED AUGUST 2008
www.ti.com
4
ELECTRICAL CHARACTERISTICS: VS = ±6V (continued)
Boldface limits are tested at +25
°C.
RF = 402
Ω, RL = 100Ω, and G = +2, unless otherwise noted. See Figure 1 for AC performance only.
TEST
LEVEL
(3)
OPA2613ID
TEST
LEVEL
(3)
MIN/MAX OVER TEMPERATURE
TYP
PARAMETER
TEST
LEVEL
(3)
MIN/
MAX
UNITS
−40
°C to
+85
°C(2)
0
°C to
+70
°C(2)
+25
°C(1)
+25
°C
TEST CONDITIONS
Power Supply
Specified Operating Voltage
±6
V
typ
C
Maximum Operating Voltage Range
±6.3
±6.3
±6.3
V
max
A
Maximum Quiescent Current
VS = ±6V, Both Channels
12
12.4
12.8
13
mA
max
A
Minimum Quiescent Current
VS = ±6V, Both Channels
12
11.6
11.2
11
mA
min
A
Power-Supply Rejection Ratio (−PSRR)
Input-Referred
95
90
88
87
dB
min
A
Thermal Characteristics
Specified Operating Range D Package
−40 to +85
°C
typ
C
Thermal Resistance,
qJA
Junction-to-Ambient
DSO
-8
125
°C/W
typ
C
(1) Junction temperature = ambient for +25°C tested specifications.
(2) Junction temperature = ambient at low temperature limit; junction temperature = ambient +23°C at high temperature limit for over temperature
tested specifications.
(3) Test levels: (A) 100% tested at +25°C. Over temperature limits by characterization and simulation. (B) Limits set by characterization and
simulation. (C) Typical value only for information.
(4) Current is considered positive-out-of-node. VCM is the input common-mode voltage.
(5) Tested < 3dB below minimum CMRR specification at ± CMIR limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com