Electronic Components Datasheet Search
  English  ▼

X  

OPA690 Datasheet(PDF) 14 Page - Texas Instruments

Part # OPA690
Description  Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA690 Datasheet(HTML) 14 Page - Texas Instruments

Back Button OPA690 Datasheet HTML 10Page - Texas Instruments OPA690 Datasheet HTML 11Page - Texas Instruments OPA690 Datasheet HTML 12Page - Texas Instruments OPA690 Datasheet HTML 13Page - Texas Instruments OPA690 Datasheet HTML 14Page - Texas Instruments OPA690 Datasheet HTML 15Page - Texas Instruments OPA690 Datasheet HTML 16Page - Texas Instruments OPA690 Datasheet HTML 17Page - Texas Instruments OPA690 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
OPA2613
SBOS249H − JUNE 2003 − REVISED AUGUST 2008
www.ti.com
14
TYPICAL CHARACTERISTICS: VS = +5V (continued)
At TA = +25°C, G = +2, RF = 402Ω, and RL = 100Ω, unless otherwise noted.
HARMONIC DISTORTION vs FREQUENCY
Frequency (MHz)
0.1110
−60
−70
−80
−90
−100
Single Channel
(see Figure 3)
V
O =2VPP
G= +2
R
L =100Ω to VS/2
2nd−Harmonic
3rd−Harmonic
HARMONIC DISTORTION vs OUTPUT VOLTAGE
Output Voltage (V
PP)
0.1
1
5
−70
−80
−90
−100
−110
f=1MHz
R
L =100Ω to VS/2
2nd−Harmonic
3rd−Harmonic
HARMONIC DISTORTION vs NONINVERTING GAIN
Gain Magnitude (V/V)
110
−50
−60
−70
−80
−90
−100
Single Channel (see Figure 3)
V
O =2VPP
f= 1MHz
R
L =100Ω to VS/2
2nd−Harmonic
3rd−Harmonic
HARMONIC DISTORTION vs INVERTING GAIN
Gain Magnitude (V/V)
110
−50
−60
−70
−80
−90
−100
Single Channel (see Figure 4)
V
O =2VPP
f=1MHz
R
L = 100Ω to VS/2
2nd−Harmonic
3rd−Harmonic
HARMONIC DISTORTION vs LOAD RESISTANCE
Load Resistance (
Ω)
10
100
1000
−60
−70
−80
−90
−100
Single Channel (see Figure 3)
V
O =2VPP
f= 1MHz
G= +2
R
L to VS/2
2nd−Harmonic
3rd−Harmonic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com