Electronic Components Datasheet Search
  English  ▼

X  

OPA680 Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA680
Description  Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA680 Datasheet(HTML) 4 Page - Texas Instruments

  OPA680 Datasheet HTML 1Page - Texas Instruments OPA680 Datasheet HTML 2Page - Texas Instruments OPA680 Datasheet HTML 3Page - Texas Instruments OPA680 Datasheet HTML 4Page - Texas Instruments OPA680 Datasheet HTML 5Page - Texas Instruments OPA680 Datasheet HTML 6Page - Texas Instruments OPA680 Datasheet HTML 7Page - Texas Instruments OPA680 Datasheet HTML 8Page - Texas Instruments OPA680 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
www.ti.com
OPA2652
SBOS125A – JUNE 2000 – REVISED MAY 2006
ELECTRICAL CHARACTERISTICS: V
S = ±5V (continued)
At T
A = +25°C, G = +2, RF = 402Ω, and RL = 100Ω, unless otherwise noted. See Figure 28 and Figure 29 for AC
performance only.
OPA2652U, E
MIN/MAX OVER
TYP
TEMPERATURE
0
°C to –40°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25
°C
+25
°C(2) 70°C(3) +85°C(3)
UNITS
MAX
LEVEL(1)
OUTPUT
Voltage Output Swing
1k
Ω load
±3.0
±2.4
V
min
A
100
Ω load
±2.5
±2.2
V
min
A
Output Current, Sourcing
VO = 0V
140
100
85
75
mA
min
A
Output Current, Sinking
VO = 0V
140
100
85
75
mA
min
A
Closed-Loop Output Impedance
f < 100kHz
0.06
Ω
typ
C
POWER SUPPLY
Specified Operating Voltage
±5
V
typ
C
Maximum Operating Voltage
±6
±6
±6
V
max
A
Maximum Quiescent Current
Total both channels
11
13.2
14
15.5
mA
max
A
Minimum Quiescent Current
Total both channels
11
8.8
8
7.5
mA
min
A
Power-Supply Rejection Ratio
(–PSRR)
Input-referred
58
54
dB
min
A
THERMAL CHARACTERISTICS
Specified Operating Temperature Range
U, E Packages
–40 to
°C
typ
C
+85
Thermal Resistance,
θ
JA
Junction-to-Ambient
U
SO-8
125
°C/W
typ
C
E
SOT23-8
150
°C/W
typ
C
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com