Electronic Components Datasheet Search
  English  ▼

X  

OPA680 Datasheet(PDF) 5 Page - Texas Instruments

Part # OPA680
Description  Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA680 Datasheet(HTML) 5 Page - Texas Instruments

  OPA680 Datasheet HTML 1Page - Texas Instruments OPA680 Datasheet HTML 2Page - Texas Instruments OPA680 Datasheet HTML 3Page - Texas Instruments OPA680 Datasheet HTML 4Page - Texas Instruments OPA680 Datasheet HTML 5Page - Texas Instruments OPA680 Datasheet HTML 6Page - Texas Instruments OPA680 Datasheet HTML 7Page - Texas Instruments OPA680 Datasheet HTML 8Page - Texas Instruments OPA680 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
www.ti.com
TYPICAL CHARACTERISTICS: V
S = ±5V
6
3
0
-3
-6
-9
-12
-15
-18
-21
-24
Frequency(Hz)
1M
10M
100M
1G
V =0.2V
O
PP
G=+5
G=+10
G=+1
R =25
F
W
G=+2
6
3
0
-3
-6
-9
-12
-15
-18
-21
-24
Frequency(Hz)
1M
10M
100M
1G
V =0.2V
O
PP
G= 5
-
G= 10
-
G= 1
-
G= 2
-
6
3
0
-3
-6
-9
-12
-15
-18
-21
-24
Frequency(Hz)
1M
10M
100M
1G
V
1V
O
PP
<
G=+2
V =2V
O
PP
V =4V
O
PP
6
3
0
-3
-6
-9
-12
-15
-18
-21
-24
Frequency(Hz)
1M
10M
100M
1G
V =0.5V
O
PP
G= 1
-
V =1.0V
O
PP
V =2.0V
O
PP
Time(5ns/div)
4V
PP
G=+2
200mV
PP
Time(5ns/div)
4V
PP
G= 1
-
200mV
PP
OPA2652
SBOS125A – JUNE 2000 – REVISED MAY 2006
At T
A = +25°C, G = +2, RF = 402Ω, and RL = 100Ω, unless otherwise noted. See Figure 28 and Figure 29.
NONINVERTING
INVERTING
SMALL-SIGNAL FREQUENCY RESPONSE
SMALL-SIGNAL FREQUENCY RESPONSE
Figure 1.
Figure 2.
NONINVERTING
INVERTING
LARGE-SIGNAL FREQUENCY RESPONSE
LARGE-SIGNAL FREQUENCY RESPONSE
Figure 3.
Figure 4.
NONINVERTING PULSE RESPONSE
INVERTING PULSE RESPONSE
Figure 5.
Figure 6.
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com