Electronic Components Datasheet Search
  English  ▼

X  

OPA680 Datasheet(PDF) 6 Page - Texas Instruments

Part # OPA680
Description  Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA680 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA680 Datasheet HTML 2Page - Texas Instruments OPA680 Datasheet HTML 3Page - Texas Instruments OPA680 Datasheet HTML 4Page - Texas Instruments OPA680 Datasheet HTML 5Page - Texas Instruments OPA680 Datasheet HTML 6Page - Texas Instruments OPA680 Datasheet HTML 7Page - Texas Instruments OPA680 Datasheet HTML 8Page - Texas Instruments OPA680 Datasheet HTML 9Page - Texas Instruments OPA680 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
www.ti.com
-50
-60
-70
-80
-90
GainMagnitude(V/V)
1
10
V =2V
O
PP
f=5MHz
2ndHarmonic
3rdHarmonic
-50
-60
-70
-80
-90
GainMagnitude(V/V)
1
10
V =2V
O
PP
f=5MHz
2ndHarmonic
3rdHarmonic
-50
-60
-70
-80
-90
OutputVoltage(V )
PP
0.1
1
4
f=5MHz
3rdHarmonic
2ndHarmonic
-50
-60
-70
-80
-90
Frequency(MHz)
0.1
1
10
20
V =2V
O
PP
3rdHarmonic
2ndHarmonic
-50
-60
-70
-80
-90
R ( )
L W
100
1000
V =2V
O
PP
f=5MHz
3rdHarmonic
2ndHarmonic
-50
-60
-70
-80
-90
SupplyVoltage(V)
±3
±4
±5
±6
V =2V
O
PP
f=5MHz
3rdHarmonic
2ndHarmonic
OPA2652
SBOS125A – JUNE 2000 – REVISED MAY 2006
TYPICAL CHARACTERISTICS: V
S = ±5V (continued)
At T
A = +25°C, G = +2, RF = 402Ω, and RL = 100Ω, unless otherwise noted. See Figure 28 and Figure 29.
HARMONIC DISTORTION vs NONINVERTING GAIN
HARMONIC DISTORTION vs INVERTING GAIN
Figure 7.
Figure 8.
HARMONIC DISTORTION vs OUTPUT VOLTAGE
HARMONIC DISTORTION vs FREQUENCY
Figure 9.
Figure 10.
HARMONIC DISTORTION vs LOAD RESISTANCE
HARMONIC DISTORTION vs SUPPLY VOLTAGE
Figure 11.
Figure 12.
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com