Electronic Components Datasheet Search
  English  ▼

X  

OPA680 Datasheet(PDF) 9 Page - Texas Instruments

Part # OPA680
Description  Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA680 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA680 Datasheet HTML 5Page - Texas Instruments OPA680 Datasheet HTML 6Page - Texas Instruments OPA680 Datasheet HTML 7Page - Texas Instruments OPA680 Datasheet HTML 8Page - Texas Instruments OPA680 Datasheet HTML 9Page - Texas Instruments OPA680 Datasheet HTML 10Page - Texas Instruments OPA680 Datasheet HTML 11Page - Texas Instruments OPA680 Datasheet HTML 12Page - Texas Instruments OPA680 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
www.ti.com
6
5
4
3
2
1
0
-1
-2
-3
-4
-5
-6
AmbientTemperature( C)
°
-40
-20
0
20
40
60
80
100
I
OS
V
OS
I
B
250
200
150
100
50
0
25
20
15
10
5
0
AmbientTemperature ( C)
°
-40
-20
0
20
40
60
80
100
SourcingOutputCurrent
QuiescentSupplyCurrent
(BothChannels)
SinkingOutputCurrent
6
5
4
3
2
1
0
SupplyVoltage(V)
±3
±4
±5
±6
PositiveCommon-ModeInputRange
NegativeCommon-ModeInputRange
NegativeOutputVoltageRange
PositiveOutputVoltageRange
OPA2652
SBOS125A – JUNE 2000 – REVISED MAY 2006
TYPICAL CHARACTERISTICS: V
S = ±5V (continued)
At T
A = +25°C, G = +2, RF = 402Ω, and RL = 100Ω, unless otherwise noted. See Figure 28 and Figure 29.
TYPICAL DC DRIFT OVER TEMPERATURE
SUPPLY AND OUTPUT CURRENT vs TEMPERATURE
Figure 25.
Figure 26.
COMMON-MODE INPUT VOLTAGE RANGE
AND OUTPUT SWING vs SUPPLY VOLTAGE
Figure 27.
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com