Electronic Components Datasheet Search
  English  ▼

X  

OPA680 Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA680
Description  Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA680 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA680 Datasheet HTML 4Page - Texas Instruments OPA680 Datasheet HTML 5Page - Texas Instruments OPA680 Datasheet HTML 6Page - Texas Instruments OPA680 Datasheet HTML 7Page - Texas Instruments OPA680 Datasheet HTML 8Page - Texas Instruments OPA680 Datasheet HTML 9Page - Texas Instruments OPA680 Datasheet HTML 10Page - Texas Instruments OPA680 Datasheet HTML 11Page - Texas Instruments OPA680 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
www.ti.com
70
60
50
40
30
20
10
0
-10
0
-30
-60
-90
-120
-150
-180
-210
-240
Frequency(Hz)
10k
1G
100k
10M
1M
100M
Open-LoopGain
Open-LoopPhase
100
90
80
70
60
50
40
30
20
10
0
Frequency(Hz)
1k
100M
10k
100k
1M
10M
CMRR
+PSRR
-PSRR
100
10
1
0.1
0.01
Frequency(Hz)
10k
400M
100k
1M
100M
10M
1/2
OPA2652
402W
200W
402W
Z
O
5
4
3
2
1
0
-1
-2
-3
-4
-5
I (mA)
O
-200
-150
-100
-50
0
100
50
150
200
100
LoadLine
W
20
LoadLine
W
10
LoadLine
W
50
LoadLine
W
1WInternal
PowerLimit
1WInternal
PowerLimit
OutputCurrentLimited
OutputCurrentLimit
5
4
3
2
1
0
-1
-2
-3
-4
-5
V
IN
Time(20ns/div)
2.5
2.0
1.5
1.0
0
-0.5
-1.0
-1.5
-2.0
-2.5
V
OUT
G=+2
0.5
5
4
3
2
1
0
-1
-2
-3
-4
-5
V
IN
Time(20ns/div)
V
OUT
G= 1
-
OPA2652
SBOS125A – JUNE 2000 – REVISED MAY 2006
TYPICAL CHARACTERISTICS: V
S = ±5V (continued)
At T
A = +25°C, G = +2, RF = 402Ω, and RL = 100Ω, unless otherwise noted. See Figure 28 and Figure 29.
CMRR AND PSRR vs FREQUENCY
OPEN-LOOP GAIN AND PHASE
Figure 19.
Figure 20.
CLOSED-LOOP OUTPUT IMPEDANCE vs FREQUENCY
OUTPUT VOLTAGE AND CURRENT LIMITATIONS
Figure 21.
Figure 22.
NONINVERTING OVERDRIVE RECOVERY
INVERTING OVERDRIVE RECOVERY
Figure 23.
Figure 24.
8
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com