Electronic Components Datasheet Search
  English  ▼

X  

OPA680 Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA680
Description  Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA680 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA680 Datasheet HTML 3Page - Texas Instruments OPA680 Datasheet HTML 4Page - Texas Instruments OPA680 Datasheet HTML 5Page - Texas Instruments OPA680 Datasheet HTML 6Page - Texas Instruments OPA680 Datasheet HTML 7Page - Texas Instruments OPA680 Datasheet HTML 8Page - Texas Instruments OPA680 Datasheet HTML 9Page - Texas Instruments OPA680 Datasheet HTML 10Page - Texas Instruments OPA680 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
www.ti.com
0.30
0.25
0.20
0.15
0.10
0.05
0.00
Numberof150
Loads
W
1
2
3
4
d ,PositiveVideo
f
d ,NegativeVideo
f
dG,PositiveVideo
dG,NegativeVideo
-50
-60
-70
-80
-90
Single-ToneLoadPower(dBm)
-8
-6
-4
-2
0
2
4
1MHz
2MHz
20MHz
10MHz
5MHz
LoadPoweratmatched50
load
W
100
10
1
Frequency(Hz)
100
1k
10k
100k
1M
10M
VoltageNoise=8.0nV/ÖHz
CurrentNoise=1.4pA/ÖHz
-30
-40
-50
-60
-70
-80
-90
Frequency(MHz)
10
100
1000
2
1
0
-1
-2
-3
-4
-5
-6
-7
-8
Frequency(Hz)
0
1G
10M
100M
G=+2
1/2
OPA2652
R
S
V
O
C
L
1kW
C =10pF
L
C =22pF
L
C =47pF
L
C =100pF
L
70
60
50
40
30
20
10
0
CapacitiveLoad(pF)
1
10
100
1000
OPA2652
SBOS125A – JUNE 2000 – REVISED MAY 2006
TYPICAL CHARACTERISTICS: V
S = ±5V (continued)
At T
A = +25°C, G = +2, RF = 402Ω, and RL = 100Ω, unless otherwise noted. See Figure 28 and Figure 29.
TWO-TONE, 3rd-ORDER SPURIOUS LEVEL
COMPOSITE VIDEO dG/d
φ
Figure 13.
Figure 14.
INPUT VOLTAGE AND CURRENT NOISE DENSITY
CHANNEL-TO-CHANNEL CROSSTALK
Figure 15.
Figure 16.
RECOMMENDED RS vs CAPACITIVE LOAD
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Figure 17.
Figure 18.
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com