Electronic Components Datasheet Search
  English  ▼

X  

OPA4872 Datasheet(PDF) 24 Page - Texas Instruments

Part # OPA4872
Description  Triple 2:1 High-Speed Video Multiplexer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA4872 Datasheet(HTML) 24 Page - Texas Instruments

Back Button OPA4872 Datasheet HTML 18Page - Texas Instruments OPA4872 Datasheet HTML 19Page - Texas Instruments OPA4872 Datasheet HTML 20Page - Texas Instruments OPA4872 Datasheet HTML 21Page - Texas Instruments OPA4872 Datasheet HTML 22Page - Texas Instruments OPA4872 Datasheet HTML 23Page - Texas Instruments OPA4872 Datasheet HTML 24Page - Texas Instruments OPA4872 Datasheet HTML 25Page - Texas Instruments OPA4872 Datasheet HTML 26Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
.002 MAX
[0.05]
ALL AROUND
.002 MIN
[0.05]
ALL AROUND
(.213)
[5.4]
14X (.0250 )
[0.635]
16X (.063)
[1.6]
16X (.016 )
[0.41]
SSOP - 1.75 mm max height
DBQ0016A
SHRINK SMALL-OUTLINE PACKAGE
4214846/A 03/2014
NOTES: (continued)
6. Publication IPC-7351 may have alternate designs.
7. Solder mask tolerances between and around signal pads can vary based on board fabrication site.
METAL
SOLDER MASK
OPENING
NON SOLDER MASK
DEFINED
SOLDER MASK DETAILS
OPENING
SOLDER MASK
METAL
SOLDER MASK
DEFINED
LAND PATTERN EXAMPLE
SCALE:8X
SYMM
1
8
9
16
SEE
DETAILS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com