Electronic Components Datasheet Search
  English  ▼

X  

OPA4872 Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA4872
Description  Triple 2:1 High-Speed Video Multiplexer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA4872 Datasheet(HTML) 4 Page - Texas Instruments

  OPA4872 Datasheet HTML 1Page - Texas Instruments OPA4872 Datasheet HTML 2Page - Texas Instruments OPA4872 Datasheet HTML 3Page - Texas Instruments OPA4872 Datasheet HTML 4Page - Texas Instruments OPA4872 Datasheet HTML 5Page - Texas Instruments OPA4872 Datasheet HTML 6Page - Texas Instruments OPA4872 Datasheet HTML 7Page - Texas Instruments OPA4872 Datasheet HTML 8Page - Texas Instruments OPA4872 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
OPA3875
SBOS341D – DECEMBER 2006 – REVISED AUGUST 2008 ............................................................................................................................................ www.ti.com
ELECTRICAL CHARACTERISTICS: VS = ±5V (continued)
At G = +2, RL = 150Ω, unless otherwise noted.
OPA3875
MIN/MAX OVER
TYP
TEMPERATURE
0°C to
–40°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25°C
+25°C
(2)
70°C
(3)
+85°C
(3)
UNITS
MAX
LEVEL
(1)
OUTPUT
Output Voltage Range
±3.5
±3.4
±3.35
±3.3
V
min
A
Output Current
VO = 0V, Linear Operation
±70
±50
±45
±40
mA
min
A
Output Resistance
Chip enabled
0.3
Ω
typ
C
Chip Disabled, Maximum
800
912
915
918
Ω
max
A
Chip Disabled, Minumum
800
688
685
682
Ω
min
A
Output Capacitance
Chip Disabled
2
pF
typ
C
POWER SUPPLY
Specified Operating Voltage
±5
V
typ
C
Minimum Operating Voltage
±3.0
±3.0
±3.0
V
min
B
Maximum Operating Voltage
±6.3
±6.3
±6.3
V
max
A
Maximum Quiescent Current
Chip Selected, VS = ±5V
33
34
35
36
mA
max
A
Minimum Quiescent Current
Chip Selected, VS = ±5V
33
31
30
27
mA
min
A
Maximum Quiescent Current
Chip Deselected
0.9
1.2
1.4
1.5
mA
max
A
Power-Supply Rejection Ratio
(+PSRR)
Input-Referred
56
50
48
47
dB
min
A
(–PSRR)
Input-Referred
55
51
49
48
dB
min
A
THERMAL CHARACTERISTICS
Specified Operating Range D Package
–40 to +85
°C
typ
C
Thermal Resistance
θ
JA
Junction-to-Ambient
DBQ
SSOP-16
85
°C/W
typ
C
4
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA3875



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com