Electronic Components Datasheet Search
  English  ▼

X  

OPA4872 Datasheet(PDF) 12 Page - Texas Instruments

Part # OPA4872
Description  Triple 2:1 High-Speed Video Multiplexer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA4872 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA4872 Datasheet HTML 8Page - Texas Instruments OPA4872 Datasheet HTML 9Page - Texas Instruments OPA4872 Datasheet HTML 10Page - Texas Instruments OPA4872 Datasheet HTML 11Page - Texas Instruments OPA4872 Datasheet HTML 12Page - Texas Instruments OPA4872 Datasheet HTML 13Page - Texas Instruments OPA4872 Datasheet HTML 14Page - Texas Instruments OPA4872 Datasheet HTML 15Page - Texas Instruments OPA4872 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
75W
R
O
+5V
-5V
EN
OPA3875
x1
R
IN
R
OUT
R
O
G
OUT
R
O
B
OUT
75W
x1
G
IN
75W
x1
Select1
Select2
x1
x1
x1
VREF
nR
O
-5V
EN
OPA3875
x1
nR
O
nR
O
x1
x1
x1
x1
x1
V
REF
V
=0.714V
R ||nR =75
REF
O
O
W
B
IN
U2
U1
402W
402W
402W
402W
402W
402W
402W
402W
402W
402W
402W
402W
OPA3875
SBOS341D – DECEMBER 2006 – REVISED AUGUST 2008 ............................................................................................................................................ www.ti.com
Figure 28. Logo Inserter
12
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA3875



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com