Electronic Components Datasheet Search
  English  ▼

X  

OPA4872 Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA4872
Description  Triple 2:1 High-Speed Video Multiplexer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA4872 Datasheet(HTML) 3 Page - Texas Instruments

  OPA4872 Datasheet HTML 1Page - Texas Instruments OPA4872 Datasheet HTML 2Page - Texas Instruments OPA4872 Datasheet HTML 3Page - Texas Instruments OPA4872 Datasheet HTML 4Page - Texas Instruments OPA4872 Datasheet HTML 5Page - Texas Instruments OPA4872 Datasheet HTML 6Page - Texas Instruments OPA4872 Datasheet HTML 7Page - Texas Instruments OPA4872 Datasheet HTML 8Page - Texas Instruments OPA4872 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
ELECTRICAL CHARACTERISTICS: VS = ±5V
OPA3875
www.ti.com ............................................................................................................................................ SBOS341D – DECEMBER 2006 – REVISED AUGUST 2008
At G = +2, RL = 150Ω, unless otherwise noted.
OPA3875
MIN/MAX OVER
TYP
TEMPERATURE
0°C to
–40°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25°C
+25°C
(2)
70°C
(3)
+85°C
(3)
UNITS
MAX
LEVEL
(1)
AC PERFORMANCE
See Figure 1
Small-Signal Bandwidth
VO = 200mVPP, RL = 150Ω
700
525
515
505
MHz
min
B
Large-Signal Bandwidth
VO = 4VPP, RL = 150Ω
425
390
380
370
MHz
min
B
Bandwidth for 0.1dB Gain Flatness
VO = 200mVPP
150
MHz
typ
C
Maximum Small-Signal Gain
VO = 200mVPP, RL = 150Ω, f = 5MHz
2.0
2.02
2.03
2.05
V/V
max
B
Minimum Small-Signal Gain
VO = 200mVPP, RL = 150Ω, f = 5MHz
2.0
1.98
1.97
1.95
V/V
min
B
SFDR
10MHz, VO = 2VPP, RL = 150Ω
–68
–65
–64
–63
dBc
max
B
Input Voltage Noise
f > 100kHz
6.7
7.0
7.2
7.4
nV/
√Hz
max
B
Input Current Noise
f > 100kHz
3.8
4.2
4.6
4.9
pA/
√Hz
max
B
NTSC Differential Gain
RL = 150Ω
0.025
%
typ
C
NTSC Differential Phase
RL = 150Ω
0.025
°
typ
C
Slew Rate
VO = ±2V
3100
2800
2700
2600
V/
µs
min
B
Rise Time and Fall Time
VO = 0.5V Step
460
ps
typ
C
VO = 1.4V Step
600
ps
typ
C
CHANNEL-TO-CHANNEL PERFORMANCE
Gain Match
Channel to Channel, RL = 150Ω
±0.05
±0.25
±0.3
±0.35
%
max
A
All inputs, RL = 150Ω
±0.1
±0.5
±0.6
±0.7
%
max
A
Output Offset Voltage Mismatch
All three outputs
±3
±9
±10
±12
mV
max
A
All Hostile Crosstalk
f = 50MHz, RL = 150Ω
–50
dB
typ
C
Channel-to-Channel Crosstalk
f = 50MHz, RL = 150Ω
–58
dB
typ
C
CHANNEL AND CHIP-SELECT PERFORMANCE
SEL (Channel Select) Swtiching Time
RL = 150Ω
4
ns
typ
C
EN (Chip Select) Switching Time
Turn On
9
ns
typ
C
Turn Off
60
ns
typ
C
SEL (Channel Select) Switching Glitch
All Inputs to Ground, At Matched Load
40
mVPP
typ
C
EN (Chip-Select) Switching Glitch
All Inputs to Ground, At Matched Load
15
mVPP
typ
C
All Hostile Disable Feedthrough
50MHz, Chip Disabled (EN = High)
–68
dB
typ
C
Maximum Logic 0
EN, SEL
0.8
0.8
0.8
V
max
B
Minimum Logic 1
EN, SEL
2.0
2.0
2.0
V
min
B
EN Logic Input Current
0V to 4.5V
75
100
125
150
µA
max
A
SEL Logic Input Current
0V to 4.5V
160
200
250
300
µA
max
A
DC PERFORMANCE
Output Offset Voltage
RIN = 0Ω, G = +2V/V
±2.5
±14
±15.8
±17
mV
max
A
Average Output Offset Voltage Drift
RIN = 0Ω, G = +2V/V
±50
±50
µV/°C
max
B
Input Bias Current
±5
±18
±19.5
±20.5
µA
max
A
Average Input Bias Current Drift
±40
±40
nA/°C
max
B
Gain Error (from 2V/V)
VO = ±2V
0.4
1.4
1.5
1.6
%
max
A
INPUT
Input Voltage Range
±2.8
V
typ
C
Input Resistance
1.75
M
Ω
typ
C
Input Capacitance
Channel Selected
0.9
pF
typ
C
Channel Deselected
0.9
pF
typ
C
Chip Disabled
0.9
pF
typ
C
(1)
Test levels: (A) 100% tested at +25°C. Over temperature limits set by characterization and simulation. (B) Limits set by characterization
and simulation. (C) Typical value only for information.
(2)
Junction temperature = ambient for +25°C tested specifications.
(3)
Junction temperature = ambient at low temperature limit; junction temperature = ambient +36°C at high temperature limit for over
temperature specifications.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): OPA3875



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com