Electronic Components Datasheet Search
  English  ▼

X  

OPA4872 Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA4872
Description  Triple 2:1 High-Speed Video Multiplexer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA4872 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA4872 Datasheet HTML 9Page - Texas Instruments OPA4872 Datasheet HTML 10Page - Texas Instruments OPA4872 Datasheet HTML 11Page - Texas Instruments OPA4872 Datasheet HTML 12Page - Texas Instruments OPA4872 Datasheet HTML 13Page - Texas Instruments OPA4872 Datasheet HTML 14Page - Texas Instruments OPA4872 Datasheet HTML 15Page - Texas Instruments OPA4872 Datasheet HTML 16Page - Texas Instruments OPA4872 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
ADC INPUT MUX
250W
250W
1/2
ADS5232
V
CC
+3.3V
250W
250W
+5V
-5V
Channel
Select
EN
OPA3875
x1
V
IN1
V
IN2
V
IN3
V
IN4
V
IN5
V
IN6
x1
x1
x1
x1
x1
IN
IN
250W
250W
1/2
ADS5232
V
CC
+3.3V
250W
250W
IN
IN
250W
250W
1/2
ADS5232
V
CC
+3.3V
250W
250W
IN
IN
V
CM
V
CM
V
CM
402W
402W
402W
402W
402W
402W
OPA3875
www.ti.com ............................................................................................................................................ SBOS341D – DECEMBER 2006 – REVISED AUGUST 2008
Figure 29 shows the OPA3875 used as a multiplexer in a high-speed data acquisition signal chain.
Figure 29. ADC Input Multiplexer
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): OPA3875



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com