Electronic Components Datasheet Search
  English  ▼

X  

OPA4872 Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA4872
Description  Triple 2:1 High-Speed Video Multiplexer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA4872 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA4872 Datasheet HTML 4Page - Texas Instruments OPA4872 Datasheet HTML 5Page - Texas Instruments OPA4872 Datasheet HTML 6Page - Texas Instruments OPA4872 Datasheet HTML 7Page - Texas Instruments OPA4872 Datasheet HTML 8Page - Texas Instruments OPA4872 Datasheet HTML 9Page - Texas Instruments OPA4872 Datasheet HTML 10Page - Texas Instruments OPA4872 Datasheet HTML 11Page - Texas Instruments OPA4872 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
0
-10
-20
-30
-40
-50
-60
-70
-80
Frequency(Hz)
1M
10M
100M
1G
AdjacentChannelCrosstalk
AllHostileCrosstalk
Input-Referred
10k
1k
100
10
1
0.1
Frequency(Hz)
100k
1M
10M
100M
1G
Disabled
Enabled
10M
1M
100k
10k
1k
100
Frequency(Hz)
100k
1M
10M
100M
1G
60
50
40
30
20
10
0
Frequency(Hz)
100
1k
10k
100k
1M
10M
100M
1G
-PSRR
+PSRR
40
38
36
34
32
30
28
26
24
22
20
AmbientTemperature( C)
°
-50
-25
0
25
50
75
100
125
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
10
9
8
7
6
5
4
3
2
1
0
AmbientTemperature( C)
°
-50
-25
0
25
50
75
100
125
InputBiasCurrent(I )
B
RightScale
OutputOffsetVoltage(V
)
OS
LeftScale
OPA3875
SBOS341D – DECEMBER 2006 – REVISED AUGUST 2008 ............................................................................................................................................ www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V (continued)
At G = +2 and RL = 150Ω, unless otherwise noted.
ALL HOSTILE AND ADJACENT-CHANNEL CROSSTALK vs
FREQUENCY
CLOSED-LOOP OUTPUT IMPEDANCE vs FREQUENCY
Figure 19.
Figure 20.
INPUT IMPEDANCE vs FREQUENCY
PSRR vs FREQUENCY
Figure 21.
Figure 22.
SUPPLY CURRENT vs TEMPERATURE
TYPICAL DC DRIFT OVER TEMPERATURE
Figure 23.
Figure 24.
8
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA3875



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com