Electronic Components Datasheet Search
  English  ▼

X  

OPA688M Datasheet(PDF) 21 Page - Texas Instruments

Part # OPA688M
Description  UNITY-GAIN-STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA688M Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA688M Datasheet HTML 16Page - Texas Instruments OPA688M Datasheet HTML 17Page - Texas Instruments OPA688M Datasheet HTML 18Page - Texas Instruments OPA688M Datasheet HTML 19Page - Texas Instruments OPA688M Datasheet HTML 20Page - Texas Instruments OPA688M Datasheet HTML 21Page - Texas Instruments OPA688M Datasheet HTML 22Page - Texas Instruments OPA688M Datasheet HTML 23Page - Texas Instruments OPA688M Datasheet HTML 24Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
OPA688M
UNITY GAINSTABLE WIDEBAND
VOLTAGE LIMITING AMPLIFIER
SGLS144B − APRIL 2003 − DECEMBER 2006
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
frequency response compensation
The OPA688 is internally compensated to be unity-gain stable, and has a nominal phase margin of 60
° at a gain
of +2. Phase margin and peaking improve at higher gains. Recall that an inverting gain of −1 is equivalent to
a gain of +2 for bandwidth purposes (i.e., noise gain = 2).
Standard external compensation techniques work with this device. For example, in the inverting configuration,
the bandwidth may be limited without modifying the inverting gain by placing a series RC network to ground on
the inverting node. This has the effect of increasing the noise gain at high frequencies, which limits the
bandwidth.
To maintain a wide bandwidth at high gains, cascade several op amps, or use the high gain optimized OPA689.
In applications where a large feedback resistor is required, such as photodiode transimpedance amplifier, the
parasitic capacitance from the inverting input to ground causes peaking or oscillations. To compensate for this
effect, connect a small capacitor in parallel with the feedback resistor. The bandwidth will be limited by the pole
that the feedback resistor and this capacitor create. In other high gain applications, use a three resistor ”Tee”
network to reduce the RC time constants set by the parasitic capacitances. Be careful to not increase the noise
generated by this feedback network too much.
pulse settling time
The OPA688 is capable of an extremely fast settling time in response to a pulse input. Frequency response
flatness and phase linearity are needed to obtain the best settling times. For capacitive loads, such as an ADC,
use the recommended RS in the typical performance curve ”RS vs Capacitive Load”. Extremely fine-scale
settling (0.01%) requires close attention to ground return current in the supply decoupling capacitors.
The pulse settling characteristics when recovering from overdrive are very good.
distortion
The OPA688’s distortion performance is specified for a 500-
Ω load, such as an ADC. Driving loads with smaller
resistance will increase the distortion as illustrated in Figure 41. Remember to include the feedback network
in the load resistance calculations.
−40
−45
−50
−55
−60
−65
−70
−75
−80
−85
−90
HARMONIC DISTORTION vs LOAD RESISTANCE
Load Resistance (
Ω )
50
100
1000
V O = 2 Vp-p
f 1 = 5MHz
HD2
HD3
Figure 41. 5 MHz Harmonic Distortion vs Load Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com